Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8750IPWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8750IPWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC8750IPWPR Datasheet HTML 4Page - Texas Instruments DAC8750IPWPR Datasheet HTML 5Page - Texas Instruments DAC8750IPWPR Datasheet HTML 6Page - Texas Instruments DAC8750IPWPR Datasheet HTML 7Page - Texas Instruments DAC8750IPWPR Datasheet HTML 8Page - Texas Instruments DAC8750IPWPR Datasheet HTML 9Page - Texas Instruments DAC8750IPWPR Datasheet HTML 10Page - Texas Instruments DAC8750IPWPR Datasheet HTML 11Page - Texas Instruments DAC8750IPWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
8
DAC7750, DAC8750
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
At AVDD = 10 V to 36 V, GND = 0 V, REFIN = 5 V external, DVDD = 2.7 V to 5.5 V, and all specifications are from –40°C to
125°C (unless otherwise noted). For IOUT, RL = 300 Ω. Typical specifications are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE OUTPUT
Reference output
TA = 25°C
4.995
5.005
V
Reference temperature coefficient(3)
TA = –40°C to 85°C
±10
ppm/°C
Output noise (0.1 Hz to 10 Hz)
TA = 25°C
14
μVPP
Noise spectral density
TA = 25°C, 10 kHz
185
nV/
√Hz
Capacitive load
600
nF
Load current
±5
mA
Short-circuit current
REFOUT shorted to GND
25
mA
Load regulation
AVDD = 24 V, TA = 25°C, sourcing
55
μV/mA
AVDD = 24 V, TA = 25°C, sinking
120
Line regulation
±1.2
μV/V
DVDD INTERNAL REGULATOR
Output voltage
AVDD = 24 V
4.6
V
Output load current(3)
10
mA
Load regulation
3.5
mV/mA
Line regulation
1
mV/V
Short-circuit current
AVDD = 24 V, to GND
35
mA
Capacitive load stability(3)
2.5
μF
DIGITAL INPUTS
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
3.6 V < AVDD < 5.5 V
0.8
V
2.7 V < AVDD < 3.6 V
0.6
Hysteresis voltage
0.4
V
Input current
DVDD-EN, VIN ≤ 5 V
–2.7
μA
All terminals other than DVDD-EN
±1
Terminal capacitance
Per terminal
10
pF
DIGITAL OUTPUTS
SDO
Low-level output voltage, VOL, sinking 200 μA
0.4
V
HIigh-level output voltage, VOH, sourcing 200 μA
DVDD – 0.5
High-impedance leakage
±1
μA
ALARM
Low-level output voltage,
VOL
10-kΩ pullup resistor to
DVDD
0.4
V
2.5 mA
0.6
High-impedance leakage
±1
μA
High-impedance output capacitance
10
pF
POWER SUPPLY
AVDD
10
36
V
DVDD
Internal regulator disabled
2.7
5.5
V
AIDD
Outputs disabled, external DVDD
3
mA
Outputs disabled, internal DVDD
4
Code = 0x0000, IOUT enabled
3
DIDD
VIH = DVDD, VIL = GND, interface idle
1
mA
Power dissipation
AVDD = 36 V, IOUT = 0 mA, DVDD = 5 V
95
115
mW
TEMPERATURE
Thermal alarm
142
°C
Thermal alarm hysteresis
18
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com