Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8750IPWPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8750IPWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC8750IPWPR Datasheet HTML 29Page - Texas Instruments DAC8750IPWPR Datasheet HTML 30Page - Texas Instruments DAC8750IPWPR Datasheet HTML 31Page - Texas Instruments DAC8750IPWPR Datasheet HTML 32Page - Texas Instruments DAC8750IPWPR Datasheet HTML 33Page - Texas Instruments DAC8750IPWPR Datasheet HTML 34Page - Texas Instruments DAC8750IPWPR Datasheet HTML 35Page - Texas Instruments DAC8750IPWPR Datasheet HTML 36Page - Texas Instruments DAC8750IPWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
33
DAC7750, DAC8750
www.ti.com
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Table 15. DAC Gain Calibration Register
DATA BITS
NAME
DEFAULT
DESCRIPTION
DB15:DB0
G15:G0
0x0000
Gain calibration register for user calibration. Format is unsigned straight binary.
Table 16. DAC Zero Calibration Register
DATA BITS
NAME
DEFAULT
DESCRIPTION
DB15:DB0
Z15:Z0
0x0000
Zero calibration register for user calibration. Format is twos complement.
8.6.1.4 Reset Register
The DACx750 reset register is written to at address 0x56. Table 17 provides the description.
Table 17. Reset Register
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB1
Reserved
000 0000 0000 0000
Reserved. Writing to these bits does not cause any change.
DB0
RESET
0
Software reset bit. Writing 1 to the bit performs a software reset that resets all
registers and the ALARM status to the respective power-on reset default value.
After reset completes, the RESET bit clears itself.
8.6.1.5 Status Register
This read-only register consists of four ALARM status bits (CRC-FLT, WD-FLT, I-FLT, and T-FLT) and the SR-
ON bit that shows the slew rate status, as shown in Table 18.
Table 18. Status Register
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB5
Reserved
000 0000 0000
Reserved. Reading these bits returns 0.
DB4
CRC-FLT
0
Bit = 1 indicates CRC error on SPI frame.
Bit = 0 indicates normal operation.
DB3
WD-FLT
0
Bit = 1 indicates watchdog timer timeout.
Bit = 0 indicates normal operation.
DB2
I-FLT
0
Bit = 1 indicates an open circuit or a compliance voltage violation in IOUT
loading.
Bit = 0 indicates IOUT load is at normal condition.
DB1
SR-ON
0
Bit = 1 when DAC code is slewing as determined by SRCLK and SRSTEP.
Bit = 0 when DAC code is not slewing.
DB0
T-FLT
0
Bit = 1 indicates die temperature is over 142°C.
Bit = 0 indicates die temperature is not over 142°C.
These devices continuously monitor the current output and die temperature. When an alarm occurs, the
corresponding ALARM status bit is set (1). Whenever an ALARM status bit is set, it remains set until the event
that caused it is resolved. The ALARM bit can only be cleared by performing a software reset, a power-on reset
(by cycling power), or by having the error condition resolved. These bits are reasserted if the alarm condition
continues to exist in the next monitoring cycle.
The ALARM bit goes to 0 when the error condition is resolved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com