Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8750IPWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8750IPWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8750IPWPR Datasheet HTML 3Page - Texas Instruments DAC8750IPWPR Datasheet HTML 4Page - Texas Instruments DAC8750IPWPR Datasheet HTML 5Page - Texas Instruments DAC8750IPWPR Datasheet HTML 6Page - Texas Instruments DAC8750IPWPR Datasheet HTML 7Page - Texas Instruments DAC8750IPWPR Datasheet HTML 8Page - Texas Instruments DAC8750IPWPR Datasheet HTML 9Page - Texas Instruments DAC8750IPWPR Datasheet HTML 10Page - Texas Instruments DAC8750IPWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
7
DAC7750, DAC8750
www.ti.com
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
At AVDD = 10 V to 36 V, GND = 0 V, REFIN = 5 V external, DVDD = 2.7 V to 5.5 V, and all specifications are from –40°C to
125°C (unless otherwise noted). For IOUT, RL = 300 Ω. Typical specifications are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
Specified by design and characterization; not production tested.
(4)
Loop compliance voltage is defined as the voltage at the IOUT terminal.
(5)
For stability, use slew rate limit feature or add a capacitor between IOUT and GND
CURRENT OUTPUT ACCURACY (4 mA TO 20 mA)(1)
Total unadjusted error, TUE
Internal RSET
TA = –40°C to 125°C
–0.25%
0.25%
FSR
TA = 25°C
–0.08%
±0.02%
0.08%
External RSET
TA = –40°C to 125°C
–0.29%
0.29%
TA = –40°C to 85°C
–0.25%
0.25%
TA = 25°C
–0.1%
±0.02%
0.1%
Differential nonlinearity, DNL
Monotonic
±1
LSB
Relative accuracy, INL(2)
TA = –40°C to 125°C
±0.08%
FSR
TA = –40°C to 85°C
±0.024%
Offset error
Internal RSET
TA = –40°C to 125°C
–0.22%
0.22%
FSR
TA = –40°C to 85°C
–0.2%
0.2%
External RSET
TA = –40°C to 125°C
–0.2%
0.2%
TA = –40°C to 85°C
–0.18%
0.18%
Internal and external RSET, TA = 25°C
–0.07%
±0.01%
0.07%
Offset error temperature coefficient
±3
ppm FSR/°C
Full-scale error
Internal RSET
TA = –40°C to 125°C
–0.25%
0.25%
FSR
TA = 25°C
–0 .08%
±0.015%
0.08%
External RSET
TA = –40°C to 125°C
–0.29%
0.29%
TA = –40°C to 85°C
–0.25%
0.25%
TA = 25°C
–0 .1%
±0.015%
0.1%
Full-scale error temperature coefficient
Internal RSET
±5
ppm FSR/°C
External RSET
±10
Gain error
Internal RSET
TA = –40°C to 125°C
–0.2%
0.2%
FSR
TA = –40°C to 85°C
–0.15%
0.15%
TA = 25°C
–0.08%
±0.01%
0.08%
External RSET
TA = –40°C to 125°C
–0.16%
0.16%
TA = –40°C to 85°C
–0.12%
0.12%
TA = 25°C
–0.05%
±0.01%
0.05%
Gain error temperature coefficient
Internal RSET
±3
ppm FSR/°C
External RSET
±8
Output current drift vs time
TA = 125°C, 1000 hrs
Internal RSET
±50
ppm FSR
External RSET
±75
CURRENT OUTPUT STAGE(3)
Loop compliance voltage(4)
Output = 24 mA
AVDD – 2
V
Inductive load(5)
50
mH
DC PSRR
1
μA/V
Output impedance
Code = 0x8000
50
MΩ
R3 RESISTOR
R3 resistor value
36
40
44
Ω
R3 resistor temperature coefficient
40
ppm/°C
EXTERNAL REFERENCE INPUT
Reference input voltage
4.95
5
5.05
V
External reference current
REFIN = 5.0 V
30
μA
Reference input capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com