Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6745DPTP3 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 14Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 15Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 16Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 17Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 18Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 19Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 20Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 21Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
Table 3-3. C674x L1/L2 Memory Protection Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
L2 memory protection page attribute register 57
0x0184 A2E4
L2MPPA57
(controls memory address 0x007C 8000 - 0x007C FFFF)
L2 memory protection page attribute register 58
0x0184 A2E8
L2MPPA58
(controls memory address 0x007D 0000 - 0x007D 7FFF)
L2 memory protection page attribute register 59
0x0184 A2EC
L2MPPA59
(controls memory address 0x007D 8000 - 0x007D FFFF)
L2 memory protection page attribute register 60
0x0184 A2F0
L2MPPA60
(controls memory address 0x007E 0000 - 0x007E 7FFF)
L2 memory protection page attribute register 61
0x0184 A2F4
L2MPPA61
(controls memory address 0x007E 8000 - 0x007E FFFF)
L2 memory protection page attribute register 62
0x0184 A2F8
L2MPPA62
(controls memory address 0x007F 0000 - 0x007F 7FFF)
L2 memory protection page attribute register 63
0x0184 A2FC
L2MPPA63
(controls memory address 0x007F 8000 - 0x007F FFFF)
0x0184 A300 - 0x0184 A3FF
-
Reserved
0x0184 A400
L1PMPFAR
L1P memory protection fault address register
0x0184 A404
L1PMPFSR
L1P memory protection fault status register
0x0184 A408
L1PMPFCR
L1P memory protection fault command register
0x0184 A40C - 0x0184 A4FF
-
Reserved
0x0184 A500
L1PMPLK0
L1P memory protection lock key bits [31:0]
0x0184 A504
L1PMPLK1
L1P memory protection lock key bits [63:32]
0x0184 A508
L1PMPLK2
L1P memory protection lock key bits [95:64]
0x0184 A50C
L1PMPLK3
L1P memory protection lock key bits [127:96]
0x0184 A510
L1PMPLKCMD
L1P memory protection lock key command register
0x0184 A514
L1PMPLKSTAT
L1P memory protection lock key status register
0x0184 A518 - 0x0184 A5FF
-
Reserved
0x0184 A600 - 0x0184 A63F
-
Reserved (1)
L1P memory protection page attribute register 16
0x0184 A640
L1PMPPA16
(controls memory address 0x00E0 0000 - 0x00E0 07FF)
L1P memory protection page attribute register 17
0x0184 A644
L1PMPPA17
(controls memory address 0x00E0 0800 - 0x00E0 0FFF)
L1P memory protection page attribute register 18
0x0184 A648
L1PMPPA18
(controls memory address 0x00E0 1000 - 0x00E0 17FF)
L1P memory protection page attribute register 19
0x0184 A64C
L1PMPPA19
(controls memory address 0x00E0 1800 - 0x00E0 1FFF)
L1P memory protection page attribute register 20
0x0184 A650
L1PMPPA20
(controls memory address 0x00E0 2000 - 0x00E0 27FF)
L1P memory protection page attribute register 21
0x0184 A654
L1PMPPA21
(controls memory address 0x00E0 2800 - 0x00E0 2FFF)
L1P memory protection page attribute register 22
0x0184 A658
L1PMPPA22
(controls memory address 0x00E0 3000 - 0x00E0 37FF)
L1P memory protection page attribute register 23
0x0184 A65C
L1PMPPA23
(controls memory address 0x00E0 3800 - 0x00E0 3FFF)
L1P memory protection page attribute register 24
0x0184 A660
L1PMPPA24
(controls memory address 0x00E0 4000 - 0x00E0 47FF)
L1P memory protection page attribute register 25
0x0184 A664
L1PMPPA25
(controls memory address 0x00E0 4800 - 0x00E0 4FFF)
L1P memory protection page attribute register 26
0x0184 A668
L1PMPPA26
(controls memory address 0x00E0 5000 - 0x00E0 57FF)
L1P memory protection page attribute register 27
0x0184 A66C
L1PMPPA27
(controls memory address 0x00E0 5800 - 0x00E0 5FFF)
(1)
These addresses correspond to the L1P memory protection page attribute registers 0-15 (L1PMPPA0-L1PMPPA15) of the C674x
megamaodule. These registers are not supported for this device.
18
Device Overview
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com