| Electronic Components Datasheet Search |
|
TMS320C6745DPTP3 Datasheet(PDF) 52 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6745DPTP3 Datasheet(HTML) 52 Page - Texas Instruments |
|
52 / 227 page ![]() TMS320C6745, TMS320C6747 SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014 www.ti.com Table 3-25. General Purpose Input Output Terminal Functions (continued) PIN NO SIGNAL NAME TYPE(1) PULL(2) MUXED DESCRIPTION PTP ZKB GP6 EMB_D[15]/GP6[15] 74 F13 I/O IPD EMB_D[14]/GP6[14] 76 E`6 I/O IPD EMB_D[13]/GP6[13] 78 E13 I/O IPD EMB_D[12]/GP6[12] 79 D16 I/O IPD EMB_D[11]/GP6[11] 80 D15 I/O IPD EMB_D[10]/GP6[10] 82 D14 I/O IPD EMB_D[9]/GP6[9] 83 D13 I/O IPD EMB_D[8]/GP6[8] 84 C16 I/O IPD EMIFB GPIO Bank 6 EMB_D[7]/GP6[7] 62 J16 I/O IPD EMB_D[6]/GP6[6] 63 J15 I/O IPD EMB_D[5]/GP6[5] 64 J13 I/O IPD EMB_D[4]/GP6[4] 66 H16 I/O IPD EMB_D[3]/GP6[3] 68 H13 I/O IPD EMB_D[2]/GP6[2] 70 G16 I/O IPD EMB_D[1]/GP6[1] 72 G13 I/O IPD EMB_D[0]/GP6[0] 73 F16 I/O IPD GP7 EMU[0]/GP7[15] - J5 I/O IPU JTAG General-Purpose RTCK/ GP7[14] (1) 157 K1 I/O IPD IO signal EMB_A[11]/GP7[13] 91 B12 O IPD EMB_A[10]/GP7[12] 105 A9 O IPD EMB_A[9]/GP7[11] 92 C12 O IPD EMB_A[8]/GP7[10] 94 D12 O IPD EMB_A[7]/GP7[9] 95 A11 O IPD EMB_A[6]/GP7[8] 96 B11 O IPD EMB_A[5]/GP7[7] 97 C11 O IPD EMIFB GPIO Bank 7 EMB_A[4]/GP7[6] 98 D11 O IPD EMB_A[3]/GP7[5] 100 A10 O IPD EMB_A[2]/GP7[4] 101 B10 O IPD EMB_A[1]/GP7[3] 102 C10 O IPD EMB_A[0]/GP7[2] 103 D10 O IPD EMB_BA[0]/GP7[1] 107 C9 O IPU EMB_BA[1]/GP7[0] 106 B9 O IPU (1) GP7[14] is initially configured as a reserved function after reset and will not be in a predictable state. This signal will only be stable after the GPIO configuration for this pin has been completed. Users should carefully consider the system implications of this pin being in an unknown state after reset. 3.6.21 Reserved and No Connect Table 3-26. Reserved and No Connect Terminal Functions PIN NO SIGNAL NAME TYPE(1) DESCRIPTION PTP ZKB Reserved. (Leave unconnected, do not connect to power or RSV1 - F7 - ground.) (1) PWR = Supply voltage. 52 Device Overview Copyright © 2008–2014, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320C6745 TMS320C6747 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |