Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6745DPTP3 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 56Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 57Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 58Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 59Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 60Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 61Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 62Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 63Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
5
Device Operating Conditions
5.1
Absolute Maximum Ratings Over Operating Case Temperature Range
(Unless Otherwise Noted)
(1)
Core
-0.5 V to 1.4 V
(CVDD, RVDD, RTC_CVDD, PLL0_VDDA ) (2)
I/O, 1.8V
-0.5 V to 2 V
Supply voltage ranges
(USB0_VDDA18, USB1_VDDA18) (2)
I/O, 3.3V
-0.5 V to 3.8V
(DVDD, USB0_VDDA33, USB1_VDDA33) (2)
VI I/O, 1.2V
-0.3 V to CVDD + 0.3V
(OSCIN, RTC_XI)
VI I/O, 3.3V
-0.3V to DVDD + 0.35V
(Steady State)
VI I/O, 3.3V
DVDD + 20%
Input voltage ranges
(Transient)
up to 20% of Signal
Period
VI I/O, USB 5V Tolerant Pins:
5.25V(3)
(USB0_DM, USB0_DP, USB0_ID, USB1_DM, USB1_DP)
VI I/O, USB0 VBUS
5.50V(3)
VO I/O, 3.3V
-0.5 V to DVDD + 0.3V
(Steady State)
Output voltage ranges
VO I/O, 3.3V
20% of DVDD for up to
(Transient Overshoot/Undershoot)
20% of the signal period
Input or Output Voltages 0.3V above or below their respective power
±20mA
Clamp Current
rails. Limit clamp current that flows through the I/O's internal diode
protection cells.
Commercial
0°C to 90°C
Industrial (D suffix )
-40°C to 90°C
Operating Junction Temperature ranges,
TJ
Extended (A suffix)
-40°C to 105°C
Automotive (T suffix)
-40°C to 125°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS, PLL0_VSSA, OSCVSS, RTC_VSS
(3)
Up to a max of 24 hours.
5.2
Handling Ratings
UNIT
Storage temperature
(default)
-55 to 150
°C
range, Tstg
Human Body Model (HBM)(2)
>2000
V
ESD Stress Voltage,
VESD
(1)
Charged Device Model (CDM)(3)
>500
V
(1)
Electrostatic discharge (ESD) to measure device sensitivity/immunity to damage caused by electrostatic discharges into the device.
(2)
Level listed above is the passing level per ANSI/ESDA/JEDEC JS-001-2010. JEDEC document JEP155 states that 500V HBM allows
safe manufacturing with a standard ESD control process, and manufacturing with less than 500V HBM is possible if necessary
precautions are taken. Pins listed as 1000V may actually have higher performance.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101E. JEDEC document JEP157 states that 250V CDM allows safe
manufacturing with a standard ESD control process. Pins listed as 250V may actually have higher performance.
60
Device Operating Conditions
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com