Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6745DPTP3 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 33Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 34Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 35Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 36Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 37Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 38Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 39Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 40Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
3.6.10
Boot
Table 3-15. Boot Terminal Functions(1)
PIN NO
SIGNAL NAME
TYPE(2)
PULL(3)
MUXED
DESCRIPTION
PTP
ZKB
EMA_CS[2]/UHPI_HCS/GP2[5]/BOOT[15]
23
P7
I
IPU
EMIFA, UHPI, GPIO
BOOT[15]
EMIFA, UHPI,
EMA_WE/UHPI_HRW/AXR0[12]/GP2[3]/BOOT[14]
55
M13
I
IPU
BOOT[14]
McASP0, GPIO
EMA_D[7]/MMCSD_DAT[7]/UHPI_HD[7]/GP0[7]/BOOT[13]
54
M15
I
IPU
BOOT[13]
EMIFA, MMC/SD,
UHPI, GPIO
EMA_D[0]/MMCSD_DAT[0]/UHPI_HD[0]/GP0[0]/BOOT[12]
44
T13
I
IPU
BOOT[12]
McASP0, EMAC,
AHCLKR0/RMII_MHZ_50_CLK/GP2[14]/BOOT[11]
129
A4
I
IPD
BOOT[11]
GPIO
AFSX0/GP2[13]/BOOT[10]
127
D5
I
IPD
McASP0, GPIO
BOOT[10]
UART0, I2C0,
UART0_TXD/I2C0_SCL/TM64P0_OUT12/GP5[9]/BOOT[9]
3
P3
I
IPU
BOOT[9]
Timer0, GPIO
UART0, I2C0,
UART0_RXD/I2C0_SDA/TM64P0_IN12/GP5[8]/BOOT[8]
2
R3
I
IPU
BOOT[8]
Timer0, GPIO
SPI1_CLK/EQEP1S/GP5[7]/BOOT[7]
16
T6
I
IPD
SPI1, eQEP1, GPIO
BOOT[7]
SPI1_SIMO[0]/I2C1_SDA/GP5[6]/BOOT[6]
14
N5
I
IPU
BOOT[6]
SPI1, I2C1, GPIO
SPI1_SOMI[0]/I2C1_SCL/GP5[5]/BOOT[5]
13
P5
I
IPU
BOOT[5]
SPI0, UART0,
SPI0_SCS[0]/UART0_RTS/EQEP0B/GP5[4]/BOOT[4]
9
N4
I
IPU
BOOT[4]
eQEP0, GPIO
SPI0, UART0,
SPI0_ENA/UART0_CTS/EQEP0A/GP5[3]/BOOT[3]
12
R5
I
IPU
BOOT[3]
eQEP0, GPIO
SPI0_CLK/EQEP1I/GP5[2]/BOOT[2]
11
T5
I
IPD
SPI0, eQEP1, GPIO
BOOT[2]
SPI0_SIMO[0]/EQEP0S/GP5[1]/BOOT[1]
18
P6
I
IPD
BOOT[1]
SPI0, eQEP0, GPIO
SPI0_SOMI[0]/EQEP0I/GP5[0]/BOOT[0]
17
R6
I
IPD
BOOT[0]
(1)
Boot decoding will be defined in the ROM datasheet.
(2)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(3)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2008–2014, Texas Instruments Incorporated
Device Overview
37
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com