Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6745DPTP3 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 57Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 58Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 59Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 60Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 61Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 62Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 63Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 64Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
5.3
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
375 MHz versions
1.14
1.2
1.32
Supply voltage, Core
CVDD
V
(CVDD, PLL0_VDDA)
456 MHz version
1.25
1.3
1.35
375 MHz versions
0.9
1.2
1.32
Supply Voltage, RTC Core
RTC_CVDD (1)
V
Logic
456 MHz version
0.9
1.3
1.35
375 MHz versions
1.14
1.2
1.32
RVDD
Supply Voltage, Internal RAM
V
456 MHz version
1.25
1.3
1.35
Supply voltage, I/O, 1.8V
1.71
1.8
1.89
V
(USB0_VDDA18, USB1_VDDA18)
DVDD
Supply voltage, I/O, 3.3V
3.0
3.3
3.45
V
(DVDD, USB0_VDDA33, USB1_VDDA33)
Supply ground
VSS
0
0
0
V
(VSS, PLL0_VSSA, OSCVSS(2), RTC_VSS (2))
High-level input voltage, I/O, 3.3V
2
V
VIH
(3)
High-level input voltage, RTC_XI
0.7*RTC_CVDD
V
High-level input voltage, OSCIN
0.7*CVDD
Low-level input voltage, I/O, 3.3V
0.8
V
VIL
(3)
Low-level input voltage, RTC_XI
0.3*RTC_CVDD
V
Low-level input voltage, OSCIN
0.3*CVDD
VHYS
Input Hysteresis
160
mV
USB
USB0_VBUS
4.75
5
5.25
V
Transition time, 10%-90%, All Inputs (unless otherwise specified
tt
0.25P or 10(4)
ns
in the electrical data sections)
Commercial
0
70
°C
Industrial (D suffix)
-40
70
°C
Operating ambient
TA
temperature range
Extended (A suffix)
-40
85
°C
Automotive (T suffix)
-40
105
°C
Commercial
0
375 / 456
MHz
DSP
Industrial (D suffix)
0
456
MHz
FSYSCLK1,6
Operating Frequency
Extended (A suffix)
0
375
MHz
(SYSCLK1)
Automotive (T suffix)
0
375
MHz
(1)
The RTC provides an option for isolating the RTC_CVDD from the CVDD to reduce current leakage when the RTC is powered
independently. If these power supplies are not isolated (CTRL.SPLITPOWER=0), RTC_CVDD must be equal to or greater than CVDD.
If these power supplies are isolated (CTRL.SPLITPOWER=1), RTC_CVDD may be lower than CVDD.
(2)
When an external crystal is used, oscillator (OSC_VSS, RTC_VSS) ground must be kept separate from other grounds and connected
directly to the crystal load capacitor ground. These pins are shorted to VSS on the device itself and should not be connected to VSS on
the circuit board. If a crystal is not used and the clock input is driven directly, then the oscillator VSS may be connected to board ground.
(3)
Unless specifically indicated, these I/O specifications do not apply to USB I/Os. USB0 I/Os adhere to USB2.0 specification. USB1 I/Os
adhere to USB1.1 specification.
(4)
Whichever is smaller. P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve
noise immunity on input signals.
Copyright © 2008–2014, Texas Instruments Incorporated
Device Operating Conditions
61
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com