Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6745DPTP3 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 42Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 43Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 44Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 45Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 46Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 47Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 48Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 49Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
3.6.17 Ethernet Media Access Controller (EMAC)
Table 3-22. Ethernet Media Access Controller (EMAC) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1) PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
RMII
EMAC 50-MHz
AHCLKR0/RMII_MHZ_50_CLK/GP2[14]/BOOT[11]
129
A4
I/O
IPD
McASP0, GPIO, BOOT
clock input or
output
EMAC RMII
AXR0[6]/RMII_RXER/ACLKR2/GP3[6]
118
D7
I
IPD
receiver error
AXR0[5]/RMII_RXD[1]/AFSX2/GP3[5]
117
C7
I
IPD
EMAC RMII
receive data
AXR0[4]/RMII_RXD[0]/AXR2[1]/GP3[4]
116
B7
I
IPD
EMAC RMII carrier
AXR0[3]/RMII_CRS_DV/AXR2[2]/GP3[3]
115
A7
I
IPD
McASP0, McASP2, GPIO
sense data valid
EMAC RMII
AXR0[2]/RMII_TXEN/AXR2[3]/GP3[2]
113
D8
O
IPD
transmit enable
AXR0[1]/RMII_TXD[1]/ACLKX2/GP3[1]
112
C8
O
IPD
EMAC RMII trasmit
data
AXR0[0]/RMII_TXD[0]/AFSR2/GP3[0]
111
B8
O
IPD
MDIO
AXR0[8]/MDIO_D/GP3[8]
121
B6
I/O
IPU
McASP0, GPIO
MDIO data clock
AXR0[7]/MDIO_CLK/GP3[7]
120
A6
O
IPD
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
46
Device Overview
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com