Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  MT9072AB Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 275 page
background image
MT9072
Data Sheet
4
Zarlink Semiconductor Inc.
Common Channel Signaling Timeslot Assigner
• Selected 64 Kbit/s CCS channels (for V5.2 and GR-303) can be routed to/from an external multichannel
HDLC, using the CSTi/0 pins
Access and Monitoring for National (Sa) Bits (E1 mode only)
• In addition to the datalink functions, the Sa bits can be accessed using:
• Single byte register
• Five byte transmit and receive national bit buffers
• A maskable interrupt is generated on the change of state of any Sa bit
Slip Buffers
•
Operates at 4 kbit/s (FDL), 56 kbit/s or
64 kbit/s
•
Operates at 4, 8, 12, 16 or 20 kbit/s (Sa bits)
or 64 kbit/s
T1/J1 Mode
E1 Mode
Transmit Slip Buffer
•
Two-frame slip buffer capable of performing a
controlled slip. Intended for rate conversion in
the transmit direction
Receive Slip Buffer
•
Two-frame slip buffer capable of performing a
controlled slip
•
Wander tolerance of 208 UI peak-to-peak
•
Programmable delay
•
Indication of slip
•
Transmit slips are independent of receive slips
•
Indication of slip direction
•
Indication of slip
•
Indication of slip direction
Receive Slip Buffer
•
Two-frame slip buffer capable of performing a
controlled slip
•
Wander tolerance of 142 UI (92
µs) peak
•
Indication of slip
•
Indication of slip direction
T1/J1 Mode
E1 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com