Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 90 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 90 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 86Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 87Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 88Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 89Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 90Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 91Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 92Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 93Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 94Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 275 page
background image
MT9072
Data Sheet
90
Zarlink Semiconductor Inc.
14.1.4
T1 Pseudo-Random Bit Sequence (PRBS) Testing
The MT9072 includes both a pseudo random bit sequence (PRBS) generator of type (215-1), and a reverse PRBS
generator (decoder), which operates on a bit sequence, and determines if it matches the transmitted PRBS type
(215-1). Bits which don’t match are counted by an internal error counter. This provides for powerful system
debugging and testing without additional external hardware.
If control bit ADSEQ (register address Y01) is zero, any transmit (internal DSTi) timeslot or combination of transmit
timeslots may be connected to the PRBS generator. Timeslot n is selected by setting the TTSTn bit in the Timeslot
n Control Register (address Y90-YA7), where n is 0 to 23. Any data sent on DSTi is overwritten on the selected
timeslots before being output to TPOS/TNEG.
Similarly, if control bit ADSEQ is zero, any receive timeslot or combination of receive timeslots may be connected to
the PRBS decoder. Timeslot n is selected by setting the RRSTn bit in the Timeslot n Control Register (register
address Y90-YA7), where n is 0 to 23.
PRBS data is distributed to the transmit channels sequentially one byte at a time. Consequently, the data received
must be in the same order that it was sent, in order for the PRBS decoder to correctly operate on the data.
If one channel is tested at a time, then the PRBS transmit timeslot does not have to match the PRBS receive
timeslot. However, if more than one channel is tested, then the number of transmit timeslots must match the
number of receive timeslots, and the order of the transmit timeslots must match the order of the receive timeslots.
This will ensure that the sequential data bytes received by the PRBS decoder are in the correct order.
Consequently, particular care must be taken when using an external loopback where the channel order may be
reversed, or where the data has passed through a digital switch which doesn’t buffer all channels to the same
degree.
The PRBS decoder must have sufficient data pass through it before it begins to operate correctly, therefore, the
errors generated by the decoder immediately following start-up should be ignored.
If the PRBS testing is performed in an external loop around using Timeslot Control, then both Timeslot Control bits
TTSTn and RRSTn should also be set.
Register
Address
Register
Description
Y01
Line Interface and Coding
ADSEQ bit chooses between Milliwatt test sequence and
transmitted PRBS test sequence.
Y90-YA7
Per Channel Control
If TTST is set for any channel, the test sequence will be
transmitted on that DS1 timeslot. If RRST is set for any channel,
the test sequence will be expected on the receivePCM24 slot.
Y15
PRBS Error Counter and CRC
Multiframe Counter for PRBS
The PRBS Error Counter contains error count on the received
PRBS sequence.
Y34
Receive Sync Interrupt Status
PRBSOI will indicate an overflow on the PRBS Error Counter.
Y44
Receive Sync Interrupt Mask
PRBSOIM is the mask for PRBSOI.
Table 44 - Registers Related to PRBS Testing (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com