Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 92 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 92 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 88Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 89Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 90Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 91Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 92Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 93Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 94Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 95Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 96Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 275 page
background image
MT9072
Data Sheet
92
Zarlink Semiconductor Inc.
14.1.7
T1 Per Timeslot Trunk Conditioning
The per channel conditioning capabilities of MT9072 are explained in this section. For the receiver the T1 data can
be replaced by the conditioning data (Y09) via the bit MPDR in the per channel control registers(Y90 to YA7).
This data will be output to the corresponding DSTo channel. The received data can be inverted on a per channel
basis by setting the RPCI bit (register Y90 to YA7). The transmit data can be inverted on a per channel basis with a
write to the control bit TPCI (registers Y90 to YA7). The transmit data can also be frozen on a per channel basis; in
this case the data from the DSTI is not used to update the Transmit Memory and the data written in Y0A is used as
the source (MPDT in registers Y90 to YA7).
Secondary D4 Yellow Alarm. This bit is set if 2 consecutive’1’s are
received in the S-bit position of the 12th frame of the D4
superframe.
SECYEL
Y10
SECYELI
Y35
AIS Alarm. This bit is set if fewer than 5 zeros are received in a 3
millisecond window.
AIS
Y10
AISI
Y35
ESFYEL.This bit is set if the ESF yellow alarm 0000000011111111
is receive in eight or more codewords out of ten in Bit Oriented
Message of FDL.
ESFYEL
Y10
ESFYELI
Y35
T1DM Received Yellow Alarm. If "Y" bit of the T1DM
Synchronization Word is received
T1DRY
Y10
T1DMYI
Y35
Transmit ESF Yellow Alarm. Setting this bit (while in ESF mode)
causes a repeating pattern of eight 1’s followed by eight 0’s to be
insert onto the transmit FDL.
TESFYEL
Y02
NA
NA
Transmit Secondary D4 Yellow Alarm. Setting this bit (in D4
mode) causes the S-bit of transmit frame 12 to be set.
TSECY
Y02
NA
NA
Transmit All Ones. When low, this control bit forces a framed or
unframed (depending on the state of Transmit Alarm Control bit 0)
all ones to be transmit at TTIP and TRING
TAIS
Y02
NA
NA
S-bit Override. If set, this bit forces the S-bits to be inserted as an
overlay on any of the following alarm conditions: i) transmit all ones,
ii) loop up code insertion, iii) loop down code insertion.
SO
Y02
NA
NA
TT1DMY. If reset to low a yellow alarm is sent in the 24th channel if
the T1DM option is set.
TT1DMY
Y02
NA
NA
Control/Status Register
Interrupt Status
Register
Description
Bit
Address
Bit
Address
Table 46 - Alarm Control and Status Bits (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com