Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 69 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 69 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 65Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 66Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 67Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 68Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 69Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 70Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 71Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 72Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 73Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 275 page
background image
MT9072
Data Sheet
69
Zarlink Semiconductor Inc.
8.2.3
E1 Common Channel Signaling (CCS) Transmit from ST-BUS CSTi and DSTi to PCM30
The CSIG control bit (register address Y03) must be set to one for Common Channel signaling (CCS) operation.
CCS on the transmit PCM30 link (bit positions one to eight of timeslots 15, 16 and/or 31 of every frame) may be
sourced from the ST-BUS DSTi stream or from the ST-BUS CSTi stream. If the TS15E, TS16E & TS31E control bits
(register address Y06) are zero, the transmit data will be sourced from the ST-BUS DSTi stream timeslots 15, 16
and 31, if these bits are one, then the signaling data will be sourced from the ST-BUS CSTi stream. Note that any
combination of the TS15E, TS16E & TS31E control bits (register address Y06) may be enabled. The CSTi source
timeslots for the PCM30 timeslot 15, 16 and 31, are determined respectively by the 15C4-15C0, 16C4-31C0 and
31C4-31C0 (register address Y07) programming bits. Table 27 shows the detailed bit mapping of CSTi timeslots to
transmit PCM30 frames. Table 28 shows the detailed bit mapping of DSTi timeslots to transmit PCM30 frames.
ST-BUS CSTi
PCM30 Transmit
CRC-4
Frame
Timeslot
Data Bits (B7-B0)
Timeslot CRC-4
Frame
Data Bits (B1-B8)
all
Any one of 32
n + m(0 to 31)
P1, P2, P3, P4, P5, P6, P7, P8
15
all
P1, P2, P3, P4, P5, P6, P7, P8
all
Any one of 32
n + m(0 to 31)
P1, P2, P3, P4, P5, P6, P7, P8
16
all
P1, P2, P3, P4, P5, P6, P7, P8
all
Any one of 32
n + m(0 to 31)
P1, P2, P3, P4, P5, P6, P7, P8
31
all
P1, P2, P3, P4, P5, P6, P7, P8
Note 1. For 2.048 Mbit/s operation, m=1 and n=0.
Note 2. For 8.192 Mbit/s operation, m=4 and n =0,1,2,3 where n corresponds to the framer number (i.e., n=0=framer 0... n=3= framer
3)
Note 3. For these functions to be valid, CCS mode must be selected (CSIG=1 register address Y03) and CSTi ST-BUS mode must be
selected (TS15E=1, TS16E=1 & TS31E=1 register address Y06) and the preferred source CSTi timeslot should be selected (15C4-0,
16C4-0 & 31C4-0 register address Y07).
Table 27 - Transmit PCM30 CCS from ST-BUS 2.048 Mbit/s or 8.192 Mbit/s CSTi (E1)
ST-BUS DSTi
PCM30 Transmit
CRC-4
Frame
Timeslot
Data Bits (B7-B0)
Timeslot
CRC-4
Frame
Data Bits (B1-B8)
all
n + m(15) P1, P2, P3, P4, P5, P6, P7, P8
15
all
P1, P2, P3, P4, P5, P6, P7, P8
all
n + m(16) P1, P2, P3, P4, P5, P6, P7, P8
16
all
P1, P2, P3, P4, P5, P6, P7, P8
all
n + m(31) P1, P2, P3, P4, P5, P6, P7, P8
31
all
P1, P2, P3, P4, P5, P6, P7, P8
Note 1. For 2.048 Mbit/s operation, m=1 and n=0.
Note 2. For 8.192 Mbit/s operation, m=4 and n =0,1,2,3 where n corresponds to the framer number (i.e., n=0=framer 0... n=3= framer 3).
Note 3. For these functions to be valid, CCS mode must be selected (CSIG=1 register address Y03), and DSTi ST-BUS mode must be selected
(TS15E=0, TS16E=0 & TS31E=0 register address Y06).
Table 28 - Transmit PCM30 CCS from ST-BUS 2.048 Mbit/s or 8.192 Mbit/s DSTi (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com