Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 62 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 62 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 58Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 59Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 60Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 61Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 62Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 63Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 64Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 65Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 66Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 275 page
background image
MT9072
Data Sheet
62
Zarlink Semiconductor Inc.
7.2.4
E1 Timeslot 0 CRC-4 NFAS Receive from PCM30 to DSTo
Non-Frame Alignment Signal (NFAS) bits on the receive PCM30 link (bit positions one to eight of timeslot 0 of odd
CRC-4 frames 1, 3, 5, 7, 9, 11, 13, 15) are sourced to the ST-BUS DSTo stream.The data to DSTo is mapped
unaltered from the receive PCM30 link as shown in Table 20.
7.3
T1 Bit Oriented Message
Bit Oriented Messages can be sent on the FDL in ESF mode.
Bit - Oriented Messages may be transmitted via the TxBOM register (Y07) and received in the RxBOM (Y12).
Transmission is enabled by setting bit 2 - BOMEn in the HDLC &Data link Control Word(Y06). Bit - oriented
messages may be periodically interrupted (up to once per second) for a duration of up to 100 milliseconds. This is
to accommodate bursts of message - oriented protocols. Table 21 shows the messages that can be sent and
received according to T1.403. The transmit data link will contain the repeating serial data stream 111111110xxxxxx0
where the byte 0xxxxxx0 originates from the user programmed register “Transmit Bit Oriented Message” - Y07. The
receive BOM register “Receive Bit Oriented Message” - Y12, will contain the last received valid message (the
0xxxxxx0 portion of the incoming serial bit stream). To prevent spurious inputs from creating false messages, a new
message must be present in 8 of the last 10 appropriate byte positions before being loaded into the receive BOM
register. When a new message has been received, a maskable interrupt (maskable by setting bit 4 low in Receive
Line status and Timer Mask (Y45) may occur. Bit oriented messages are only applicable in the ESF mode.
A Bit oriented match register is available RXBOMM(Y08) and a maskable interrupt can be generated when the
received Bit Oriented Message matches the contents of RXBOMM; the mask can be enabled by writing a ‘0’ to bit 3
of the Receive Line and Timer Interrupt Mask Register (Y45).
ST-BUS DSTi
PCM30 Transmit
CRC-4
Frame
Timeslot
Data Bits (B7-B0)
Timeslot
CRC-4
Frame
Data Bits (B1-B8)
All NFAS
n
P1, P2, P3, Sa4, Sa5, Sa6,
Sa7, Sa8
0
All NFAS
P1, P2, P3, Sa4, Sa5, Sa6,
Sa7, Sa8
Note 1. For 2.048 Mbit/s operation, n=0.
Note 2. For 8.192 Mbit/s operation, n =0,1,2,3 where n corresponds to the framer number (i.e., n=0=framer 0... n=3= framer 3).
Note 3. To source the NFAS, Sa bits from DSTi, ST-BUS mode access must be enabled (SA4SS to SA8SS = 10 register address
Y08.
Table 19 - Transmit PCM30 National Bits from ST-BUS 2.048 Mbit/s or 8.192 Mbit/s DSTi (E1)
ST-BUS DSTo
PCM30 Receive
CRC-4
Frame
Timeslot
Data Bits (B7-B0)
Timeslot
CRC-4
Frame
Data Bits (B1-B8)
All NFAS
n
P1, P2, P3, Sa4, Sa5, Sa6,
Sa7, Sa8
0
All NFAS
P1, P2, P3, Sa4, Sa5, Sa6,
Sa7, Sa8
Note 1. For 2.048 Mbit/s operation, n=0.
Note 2. For 8.192 Mbit/s operation, n =0,1,2,3 where n corresponds to the framer number (i.e., n=0=framer 0... n=3= framer 3).
Note 3. For these functions to be valid, NFAS DSTi ST-BUS mode access must be enabled (SA4SS to SA8SS register address Y08).
Note 4. For these functions to be valid, the Timeslot Control Registers must be disabled (all bits=0 register address Y90-YAF).
Table 20 - Receive PCM30 National Bits to ST-BUS 2.048 Mbit/s or 8.192 Mbit/s DSTo (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com