Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 72 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 72 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 68Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 69Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 70Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 71Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 72Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 73Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 74Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 75Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 76Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 275 page
background image
MT9072
Data Sheet
72
Zarlink Semiconductor Inc.
9.0
HDLC
The MT9072 has 1 embedded HDLC controller for each of the framers. Each controller may be attached to any
timeslot. The HDLC can also be connected to the FDL bits (T1 ESF Mode) for provision of a 4 Kbit/s Data Link or
Sa bits in E1 mode for data link up to 20 Kb/s.
The features of the HDLC are:
• Independent transmit and receive FIFO;
• Receive FIFO maskable interrupts for nearly full and overflow conditions;
• Transmit FIFO maskable interrupts for nearly empty and underflow conditions;
• Maskable interrupts for transmit end-of-packet and receive end-of-packet;
• Maskable interrupts for receive bad-frame (includes frame abort);
• Transmit end-of-packet and frame-abort functions.
The relevant registers associated with HDLC are listed in Table 32.
Register
Address
Register
Description
Y06
HDLC and DataLink Control
The bits of this register determine whether the HDLC is connected
to the Data Link or payload.
YF2
HDLC Control
General configuration for the HDLC.
YF3
HDLC Test Control
Control bits for testing the HDLC such as loopbacks.
YF4
Address Recognition
Address recognition register for storing data in the Receive FIFO of
a packet that matches the received address.
YF5
Transmit FIFO
This register is used for writing data to the HDLC Transmit FIFO.
The data from the FIFO can be subsequently sent to Data Link or a
selected channel.
YF6
Transmit Byte Counter
This counter determines the size of the HDLC packet to be sent
when the cycle bit is set (YF2).
Y1D
HDLC Status
This register provides status on the FIFO’s.
Y1E
Receive CRC
This register provides the received FCS of a packet.
Y1F
Receive FIFO
This register has to be read to obtain the receive FIFO data.
Y23
HDLC Latch Status
These register bits are the latched version of the HDLC status.
Y33
HDLC Interrupt Status
This register provides the interrupt status of events such as
underflow, go ahead packet etc.
Y43
HDLC Interrupt Mask
These register bits can be used to mask HDLC events to cause
interrupts.
Table 32 - HDLC Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com