Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 42 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 42 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 38Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 39Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 40Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 41Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 42Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 43Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 44Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 45Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 46Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 275 page
background image
MT9072
Data Sheet
42
Zarlink Semiconductor Inc.
3.2
T1 Interface to the Physical Layer Device
Control bits in the Line Interface and Coding word (address Y01) determine the format of the PCM24 transmit and
receive signals. Three physical interface formats are provided including RZ dual rail, NRZ dual rail and NRZ single
rail.
The detailed timing diagrams are presented in Figures 45 to Figures 48.
RZ Dual Rail - On the Transmit side the pulse width is approximately half the duration of the PCM24 bit cell
centered around the falling edge of TXCL. On the receive side RPOS and RNEG are sampled on the falling edge of
EXCLi. Note that the CLKE bit in register Y01 (selectable for edge sampling) has no effect in RZ mode.
NRZ Dual Rail - With this format, pulses are present for the full bit cell, which allows the set-up and hold times to be
easily met. For the receiver the sampling point can be the rising edge or the falling edge of the EXCLi clock,
depending on the CLKE bit in Register Y01. The transmitted data can be output either on the rising or falling edge
of TXCL selected by the CLKE bit. TXCL is an input in T1 mode and an output in E1 mode.
NRZ Single Rail - This NRZ format is not dual rail, and therefore, only requires a single output line and a single
input line (i.e., TPOS and RPOS). The CLKE bit in Register Y01 controls the TXCL clock edge and the EXCLi
sampling edge.
3.3
T1 Line Coding
B8ZS (zero code substitution) is selectable globally for both the transmit and receive path (register Y01). Jammed
bit 7, GTE, DDS or BELL zero code suppression are also available for the transmitter and receiver(register Y01).
Different schemes for provision of ones density can be selected with bits ZCS2:0 (registers Y01). GTE suppression
is achieved by replacing the LSB of zero bytes by a one except for the signaling frame. DDS suppression is
replacement of zero byte by 10011000. Bell code suppression is replacement of bit 1(second bit after LSB) of a
zero byte. Jammed bit seven selection will replace the LSB of each channel with a ’1’.
3.4
T1 Pulse Density
Bit 4 of address Y10 (PDV) toggles if the receive data fails to meet ones density requirements. It will toggle upon
detection of 16 consecutive zeros in the line data, or if there are fewer than N ones in a window of 8(N+1) bits -
where N = 1 to 23.
The transmit T1 data is monitored and if the 12.5% density requirement is not met over a maximum 192 bit window
a one is inserted in a non-framing bit. The window and PDV criteria is the same as the received PDV.
PCM24 Channels
S
bit
1
2
3
4
56789
10
11
12
13
14
15
ST-BUS Channels
(DSTi/o)
Bit
0
0
1
2
3
456789
10
11
12
13
14
PCM24 Channels
16
17
18
19
20
21
22
23
24
ST-BUS Channels
(DSTi/o)
15
16
17
18
19
20
21
22
23
Table 3 - ST-BUS vs. PCM24 to Channel Relationship for IMA DST Streams (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com