Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 51 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 51 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 47Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 48Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 49Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 50Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 51Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 52Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 53Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 54Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 55Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 275 page
background image
MT9072
Data Sheet
51
Zarlink Semiconductor Inc.
The submultiframe is then transmitted and, at the far end, the same process occurs. That is, a CRC-4 remainder is
generated for each received submultiframe. These bits are compared with the bits received in position one of the
four FASs of the next received submultiframe. This process takes place in both directions of transmission.
When more than 914 CRC-4 errors (out of a possible 1000) are counted in a one second interval, the framing
algorithm will force a search for a new basic frame alignment if automatic CRC-4 interworking is not invoked.
The result of the comparison of the received CRC-4 remainder with the locally generated remainder will be
transported to the far end by the E-bits. Therefore, if E1 = 0, a CRC-4 error was discovered in a submultiframe 1
received at the far end; and if E2 = 0, a CRC-4 error was discovered in a submultiframe 2 received at the far end.
No submultiframe sequence numbers or re-transmission capabilities are supported with layer 1 PCM30 protocol.
See ITU-T G.704 and G.706 for more details on the operation of CRC-4 and E-bits.
5.2.2.1
E1 Automatic CRC-4 Interworking
When control bit AUTC (register address Y00) is set to zero, the MT9072 framing algorithm supports automatic
interworking of interfaces with and without CRC-4 processing capabilities. That is, if an interface with CRC-4
capability, achieves valid basic frame alignment, but does not achieve CRC-4 multiframe alignment by the end of a
predefined period, the distant end is considered to be a non-CRC-4 interface. When the distant end is a non-CRC-4
interface, the near end automatically suspends receive CRC-4 functions, continues to transmit CRC-4 data to the
distant end with its E-bits set to zero, and provides a status indication. Naturally, if the distant end initially achieves
CRC-4 synchronization, CRC-4 processing will be carried out by both ends.
When control bit AUTC is one, Automatic CRC-4 Interworking is deactivated. In this case, if the Automatic Remote
Alarm Indication (RAI) Operation (ARAI) control bit (register address Y00) is low, and if CRC-4 multiframe
alignment is not found in 400 msec, then the transmit Remote Alarm Indication (RAI) (bit 3 (A) of the transmit
NFAS) will be continuously high until CRC-4 multiframe alignment is achieved.
The TE control bit (register address Y00) for transmit E bits will have the same function in both states of AUTC.
That is, when CRC-4 synchronization is not achieved the state of the transmit E-bits will be the same as the state of
the TE control bit. When CRC-4 synchronization is achieved the transmit E-bits will function as per ITU-T G.704 as
described in the previous section. Table 13 outlines the operation of the AUTC, ARAI and TALM control bits of the
MT9072.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com