Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 81 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 81 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 77Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 78Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 79Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 80Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 81Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 82Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 83Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 84Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 85Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 275 page
background image
MT9072
Data Sheet
81
Zarlink Semiconductor Inc.
10.1.5.2
Transmit AIS Operation (TAIS Pin)
The TAIS pin allows all eight framers of the MT9072 to transmit an all ones signal (AIS) at the TPOS and TNEG
output pins from the point of power-up, without the need to write any control registers. During this time the IRQ pin
is in a high impedance state. After the interface has been initialized normal operation can take place by making
TAIS high.
10.1.5.3
IEEE 1149.1-1990 Test Access Port (TAP)
Five signals (TDI, TDO, TMS, TCK & TRST) make up the Test Access Port (TAP) of the IEEE 1149.1-1990
Standard Test Port and Boundary-Scan Architecture. The TAP provides access to test support functions built into
the MT9072. The TAP is also referred to as a JTAG (Joint Test Action Group) port. See the JTAG section for
additional details.
10.1.6
Data Link (DL) Interface (RxDL, RxDLC, TxDL, TxDLC Pins)
Dedicated data link pins are included which provide the user the option of bypassing the receive elastic buffer and
accessing timeslot 0 data link (DL) data with an external controller. The MT9072 provides numerous additional
methods for accessing the DL, refer to the DL sections for details.
Function
Status
Control Bits
Register Address
Mode
Termination
RxTRS=0, TxTRS=0
Y03
Loopbacks
Deactivated
DLBK,RLBK,SLBK,PLBK=0
RTSL(n), LTSL(n)=0
Y01
Y90-YAF
Transmit FAS
Cn0011011
CSYN=0
Y00
Transmit non-FAS
1/Sn1111111
Y03
Y03
Y03
Transmit MFAS (CAS)
00001111
TMA1,2,3,4=0
X1,Y,X2,X3=1
Y05
Y05
Data Link Pin
Deactivated
Sa4SS1-0,Sa5SS1-0,Sa6SS1-0,Sa
7SS1-0,Sa8SS1-0=0
Y08
CRC Interworking
Activated
AUTC=0
Y00
Signaling
CAS ST-BUS Source
CSIG=0
CASS(n)=0
Y03
Y50-Y6F
ABCD Bit Debounce
Deactivated
DBNCE=0
Y05
Interrupts
All Unmasked
Suspended
ALL MASK BITS =0
SPND=0, INTA=0
Y40-Y43
Y02
RxMF Output
signaling Multiframe
MFSEL=0
Y02
Error Insertion
Deactivated
E1, E2, BPVE,CRCE,FASE,
NFSE,LOSE,PERR=0
Y01
Counters
Cleared
ALL BITS =0
Y15-Y1A
Counter Latches
Cleared
ALL BITS =0
Y28-Y2B
Per Timeslot Control
Buffer
All locations cleared
ALL BITS =0
Y90-YAF
All Other Control
Registers
All locations cleared
ALL BITS =0
All Other Control
Table 37 - Reset Status (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com