Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 48 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 48 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 44Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 45Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 46Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 47Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 48Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 49Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 50Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 51Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 52Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 275 page
background image
MT9072
Data Sheet
48
Zarlink Semiconductor Inc.
5.2
E1 Framing
The following Table shows the registers related to the E1 framing algorithm.
DSTi/DSTo
Channel#, Bit#
PCM24 bits
Function
0
Not mapped
Timeslot 0
1, bit 7(MSB)
S-bit
S-bit
1(bit 6 to 0)-15
119 bits
16
Not mapped
Timeslot 16
17-25
120 to 192
channel 16, bit 1
193 bit
last bit
Table 10 - G.802 ST-BUS to PCM24 Mapping (T1)
Register
Address
Register
Description
Y00
Alarm and Framing Control
Register
This is the main register for selection of the framing mode. The
specific bits for control of the framer are CSYN, AUTY, CRCM,
REFRM, MFRF and AUTC
Y10
Synchronization and Alarm
Status Word.
This register provides the real time status of receive basic frame
synchronization and receive multiframe synchronization. All bits in
this status register are relevant to framing except the slip bits.
Y11
CRC-4 Timers and CRC-4 Local
Status
All bits except the 2 sec timer are related to the reception of the
CRC-4 pattern in timeslot 0.
Y12
Alarm and Multiframe signaling
Status
This register reports alarms such as AIS, loss of signal and
Timeslot 16 and 0 remote alarms. The bits of relevance for
framing are KLVE, LOSS,AIS16, AIS,RAI,RMA1 to 4, Y bit.
Y13
NFAS and FAS Status Register
This register shows the FAS and NFAS status such as RFA 2 to 8
and RNFA.
Y16
Loss of basic frame
synchronization counter
This counter increments by one every 125 usec when the BSYNC
status is set to 1.
Y19
CRC-4 Error Counter
This error counter is incremented for each calculated CRC-4
submultiframe error. The CRCS1 and CRCS2 (Y11 bit 1 and 2)
events increment this counter.
Y1A
FAS Bit Counter and FAS Error
Counter.
This register reflects the FAS bit errors and a combined FAS
pattern error.
Y24
Sync,CRC-4,MAS Latched
Status Register
This register represents the latched version of framing status bits
such as BSYNC. These bits are set by changes in the associated
real time bits.
Table 11 - Registers Related to Framing for MT9072 (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com