| Electronic Components Datasheet Search |
|
MT9072AB Datasheet(PDF) 61 Page - Zarlink Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
MT9072AB Datasheet(HTML) 61 Page - Zarlink Semiconductor Inc |
|
61 / 275 page ![]() MT9072 Data Sheet 61 Zarlink Semiconductor Inc. For the National Bit Buffer transmit registers DL access to be enabled the SA4SS to SA8SS(register Y08) are set to 00. Similarly, the DL data received on the PCM30 link is output to the National Bit Buffer receive data registers (register address YC0-YC4), corresponding to bit positions as shown in Table 18. However, the National Bit Buffer receive data registers are always enabled, regardless of the above control bit settings(SA4SS to SA8SS). Received DL Data should be read from the National Bit Buffer receive data registers immediately following the CALN status indication (during basic frame 0) and before the start of basic frame 1. In order to facilitate conformance to ETS 300 233, three maskable interrupts are available for change of state of Sa bits in the receive National Bit Buffer. These include Eight Consecutive Sa6 Nibbles (Sa6N8), Sa6 Nibble Change (Sa6N) and Sa Nibble Change (SaN). See the detailed descriptions for these status bits provided in the CAS, National, CRC-4 Local and Timer Interrupt Status Register (address Y36). 7.2.3 E1 Data Link (DL) ST-BUS Access When the ST-BUS Data Link (DL) access is enabled, the setting of the 8 ST-BUS DSTi data bits determine the Data Link (DL) output on the PCM30 link corresponding to bit positions one to three and Sa4-8 over each Non-Frame Alignment Signal (NFAS) frame. Data for DL transmission should be written to DSTi immediately following the NFAS frame (during FAS frames) and before the start of the next NFAS frame. The ST-BUS Data Link (DL) access is enabled if the Sa Source Select Bits (Sa4SS-SA8SS) are set to ’10’ in register Y08. ST-BUS DSTi timeslot 0 bits will be transmitted as NFAS bits on the PCM30 link, as shown in Table 19 (bit positions one to eight of timeslot zero, of odd CRC-4 frames 1, 3, 5, 7, 9, 11, 13, 15). The DL data received on the PCM30 link is always output to ST-BUS DSTo timeslot 0 during NFAS frames, regardless of the settings of SA4SS to SA8SS. Addressable Bytes NFAS Frames of a CRC-4 Multiframe Transmit Address Receive Address F1 B7 F3 B6 F5 B5 F7 B4 F9 B3 F11 B2 F13 B1 F15 B0 TN0 YB0 RN0 YC0 Sa4 Sa4 Sa4 Sa4 Sa4 Sa4 Sa4 Sa4 TN1 YB1 RN1 YC1 Sa5 Sa5 Sa5 Sa5 Sa5 Sa5 Sa5 Sa5 TN2 YB2 RN2 YC2 Sa6 Sa6 Sa6 Sa6 Sa6 Sa6 Sa6 Sa6 TN3 YB3 RN3 YC3 Sa7 Sa7 Sa7 Sa7 Sa7 Sa7 Sa7 Sa7 TN4 YB4 RN4 YC4 Sa8 Sa8 Sa8 Sa8 Sa8 Sa8 Sa8 Sa8 Table 18 - MT9072 National Bit Buffers (E1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |