| Electronic Components Datasheet Search |
|
MT9072AB Datasheet(PDF) 53 Page - Zarlink Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
MT9072AB Datasheet(HTML) 53 Page - Zarlink Semiconductor Inc |
|
53 / 275 page ![]() MT9072 Data Sheet 53 Zarlink Semiconductor Inc. achieve CRC-4 multiframe alignment by the end of a predefined period, the distant end is considered to be a non-CRC-4 interface. When the distant end is a non-CRC-4 interface, the near end automatically suspends receive CRC-4 functions, continues to transmit CRC-4 data to the distant end with its E-bits set to zero, and provides a status indication. Naturally, if the distant end initially achieves CRC-4 synchronization, CRC-4 processing will be carried out by both ends. This feature is selected when control bit AUTC (control register address Y00) is set to zero. 5.2.4.1 Notes for Synchronization State Diagram (Figure 7) 1. The basic frame alignment, signaling multiframe alignment, and CRC-4 multiframe alignment functions operate in parallel and are independent. 2. The receive channel associated signaling bits and signaling multiframe alignment bit will be frozen when multi- frame alignment is lost. 3. Manual re-framing of the receive basic frame alignment and signaling multiframe alignment functions can be performed at any time. 4. The transmit RAI bit will be one until basic frame alignment is established, then it will be zero. 5. E-bits can be optionally set to zero until the equipment interworking relationship is established. When this has been determined one of the following will take place: a) CRC-to-non-CRC operation - E-bits = 0, b) CRC-to-CRC operation - E-bits as per G.704 and I.431. 6. All manual re-frames and new basic frame alignment searches start after the current frame alignment signal position. 7. After basic frame alignment has been achieved, loss of frame alignment will occur any time three consecutive incorrect basic frame alignment signals are received. Loss of basic frame alignment will reset the complete framing algorithm. 8. When CRC-4 multiframe alignment has been achieved, the primary basic frame alignment and resulting multi- frame alignment will be adjusted to the basic frame alignment determined during CRC-4 synchronization. There- fore, the primary basic frame alignment will not be updated during the CRC-4 multiframe alignment search, but will be updated when the CRC-4 multiframe alignment search is complete. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |