Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MT9072AB Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 275 page
background image
MT9072
Data Sheet
3
Zarlink Semiconductor Inc.
Data Link
One Embedded Floating HDLC per Framer
• Flag generation and Frame Check Sequence (FCS) generation and detection, zero insertion and deletion
• Continuous flags, or continuous 1s are transmitted between frames
• Transmit frame-abort
• Invalid frame handling:
• Frames yielding an incorrect FCS are tagged as bad packets
• Frames with fewer than 25 bits are ignored
• Frames with fewer than 32 bits between flags are tagged as bad packets
• Frames interrupted by a Frame-Abort sequence remain in the FIFO and an interrupt is generated
• Access is provided to the receive FCS
• FCS generation can be inhibited for terminal adaptation
• Recognizes single byte, dual byte and all call addresses
• Independent, 32 byte deep transmit and receive FIFOs
• Receive FIFO maskable interrupts for nearly full and overflow conditions
• Transmit FIFO maskable interrupts for nearly empty and underflow conditions
• Maskable interrupts for transmit end-of–packet and receive end-of-packet
• Maskable interrupts for receive bad-frame (includes frame abort)
• Transmit-to-receive and receive-to-transmit loopbacks are provided
• Transmit and receive bit rates and enables are independent
• Frame aborts can be sent under software control and they are automatically transmitted in the event of a
transmit FIFO underrun
T1/J1 Mode
E1 Mode
Three methods are provided to access the
datalink:
1. TxDL and RxDL pins support transmit and
receive datalinks
2. Bit Oriented Messages are supported via
internal registers
3. An internal HDLC can be assigned to
transmit/receive over the FDL in ESF mode
Two methods are provided to access the
datalink:
1. TxDL and RxDL pins support transmit and
receive datalinks over the Sa4~Sa8 bits
2. An internal HDLC can be assigned to
transmit/receive data via the Sa4~Sa8 bits
In transparent mode, if the Sa4 bit is used for
an intermediate datalink, the CRC-4 remainder
can be updated to reflect changes to the Sa4
bit
T1/J1 Mode
E1 Mode
Assignable to the ESF Facility Data Link or any
other channel
Assignable to timeslot-0, bits Sa4~Sa8 or any
other timeslot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com