| Electronic Components Datasheet Search |
|
MT9072AB Datasheet(PDF) 115 Page - Zarlink Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
MT9072AB Datasheet(HTML) 115 Page - Zarlink Semiconductor Inc |
|
115 / 275 page ![]() MT9072 Data Sheet 115 Zarlink Semiconductor Inc. 17.1.2 Interrupt Mask Registers Address (Y40-Y4F) Summary 17.1.3 Master Control Registers (Y00 to YF0 ) Bit Functions Tables 64 to 79 describe the bit functions of each of the Master Control Registers in the MT9072. Each register is repeated for each of the 8 framers. Framer 0 is addressed with Y=0, Framer 1 with Y=1, Framer 2 with Y=2,... Framer 7 with Y=7 (where Y represents the 4 most significant address bits (MSB) A11 A10 A9 A8). In addition, a simultaneous write to all 8 Framers is possible by setting the address A11 to 1 and A10 to A8 to 0. A (0), (1) or (#) in the “Name” column of these tables indicates the state of the data bits after a hard reset (the RESET pin is toggled from zero to one), or a software reset (the RST bit in control register address YF1 is toggled from one to zero or toggling of RSTC in Global Control Register). The (#) indicates that a (0) or (1) is possible. Binary Address (A11-A0) Hex Address R/W Interrupt Mask Register Control Bits (B15 - B8 / B7 - B0) yyyy 0010 0000- yyyy 0010 0010 Y40-Y42 - not used not used yyyy 0100 0011 Y43 R HDLC Interrupt Mask #,#,#,#,#,#,#,GAIM,EOPDIM,TEOPIM,EOPRIM, TXFLIM,FAIM,TXUNDERIM,RXFFIM,RXOVFLIM yyyy 0100 0100 Y44 R Receive Sync and Alarm Interrupt Mask FEOIM,CRCOIM,OOFOIM,COFAOIM,BPVOIM, PRBSOIM,PRBSMFOIM,MFOOFOIM,TFSYNIM, MFSYNIM,FBEIM,COFAIM,SEFIM,AISIM,CRCIM, LOSIM yyyy 0100 0101 Y45 R Receive Line status and Timer Interrupt Mask D4YALMIM,D4Y48IM,SECYELIM,ESFYELIM, T1DMYIM,#,BPVIM,PRBSIM,PDVIM,LLEDIM, LLDDIM,BIOMIM,BOMMIM,CASRIM,1SECIM,2SE CIM yyyy 0100 0110 Y46 R Elastic Store and Excessive Zero Interrupt Mask #,#,#,#,#,#,#,#,#,#,#,EXZOIM,EXZIM,TXSLIPIM, RXSLIPIM yyyy 0100 0111 yyyy 0100 1111 Y47-Y4F R not used not used xxxx indicates all (0000 to 1111) binary possibilities X indicates all (0 to F) hex possibilities yyyy indicates 9 (000, 001, 010, 011, 111,1000,1001) binary possibilities representing 1 of 8 framers (R/W), and all 8 framers (W only) and global selection. Y indicates 9 (0,1,2,3,4...9) hex possibilities representing 1 of 8 framers (R/W), and all 8 framers (W only) and global selection. Table 62 - Interrupt Mask Register (R/W) Address (Y4X) Summary (T1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |