Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 208 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 208 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 204Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 205Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 206Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 207Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 208Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 209Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 210Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 211Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 212Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 275 page
background image
MT9072
Data Sheet
208
Zarlink Semiconductor Inc.
8CEIM
(0)
CRC-4 Error Counter Indication Mask. This is the mask bit for the CEII interrupt status bit in
the Counter (Counter Indication and Counter Overflow) Interrupt Status Register (address
Y35). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit
is zero, the corresponding interrupt bit will function normally.
7
VEOM
(0)
Bipolar Violation (BPV) Error Counter Overflow Mask. This is the mask bit for the VEOI
interrupt status bit in the Counter (Counter Indication and Counter Overflow) Interrupt Status
Register (address Y35). If this mask bit is one, the corresponding interrupt bit will remain
inactive. If this mask bit is zero, the corresponding interrupt bit will function normally.
6
VEIM
(0)
Bipolar Violation (BPV) Error Counter Indication Mask. This is the mask bit for the VEII
interrupt status bit in the Counter (Counter Indication and Counter Overflow) Interrupt Status
Register (address Y35). If this mask bit is one, the corresponding interrupt bit will remain
inactive. If this mask bit is zero, the corresponding interrupt bit will function normally.
5
EEOM
(0)
E-Bit Error Counter Overflow Mask. This is the mask bit for the EEOI interrupt status bit in
the Counter (Counter Indication and Counter Overflow) Interrupt Status Register (address
Y35). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit
is zero, the corresponding interrupt bit will function normally.
4
EEIM
(0)
E-Bit Error Counter Indication Mask. This is the mask bit for the EEII interrupt status bit in
the Counter (Counter Indication and Counter Overflow) Interrupt Status Register (address
Y35). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit
is zero, the corresponding interrupt bit will function normally.
3PCOM
(0)
PRBS CRC-4 Counter Overflow Mask. This is the mask bit for the PCOI interrupt status bit
in the Counter (Counter Indication and Counter Overflow) Interrupt Status Register (address
Y35). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit
is zero, the corresponding interrupt bit will function normally.
2
(0)
not used.
1
PEOM
(0)
PRBS Error Counter Overflow Mask. This is the mask bit for the PEOI interrupt status bit in
the Counter (Counter Indication and Counter Overflow) Interrupt Status Register (address
Y35). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit
is zero, the corresponding interrupt bit will function normally.
0
PEIM
(0)
PRBS Error Counter Indication Mask. This is the mask bit for the PEII interrupt status bit in
the Counter (Counter Indication and Counter Overflow) Interrupt Status Register (address
Y35). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit
is zero, the corresponding interrupt bit will function normally.
Bit
Name
Functional Description
Table 183 - Counter (Counter Indication and Counter Overflow) Interrupt Mask Register (Address Y45)
(E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com