Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 214 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 214 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 210Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 211Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 212Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 213Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 214Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 215Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 216Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 217Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 218Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 275 page
background image
MT9072
Data Sheet
214
Zarlink Semiconductor Inc.
17.2.13
Master Control Registers (YF0 - YF6) Bit Functions
Tables 194 to 197 describe the bit functions of each of the Master Control Registers in the MT9072 in E1 Mode(YF0
to YF6). Each register is repeated for each of the 8 framers. Framer 0 is addressed with Y=0, Framer 1 with Y=1,
Framer 2 with Y=2 and so on up to Framer 7 with Y=7 (where Y represents the 4 most significant address bits
(MSB) A11-A8). In addition, a simultaneous write to all 8 framers is possible by setting the MSB address to Y=8
(1000).
A (0), (1) or (#) in the “Name” column of these tables indicates the state of the data bits after a reset (RESET, RSTC
or RST). The (#) indicates that a (0) or (1) is possible.
Bit
Name
Functional Description
15-11
#
not used.
10
ADREC
(0)
Address Recognition. When high, this bit will enable address recognition. This forces
the receiver to recognize only those packets having the unique address as programmed
in the Receive Address Recognition Registers or if the address is an All Call Address.
9
RXEN
(0)
Receive Enable. When low this bit will disable the HDLC receiver. The receiver will
disable after the rest of the packet presently being received is finished. The receiver’s
internal clock is disabled.
When high the receiver will be immediately enabled (depending on the state of RXCEN
input) and will begin searching for flags, Go-aheads etc.
8
TXEN
(0)
Transmit Enable. When low this bit will disable the HDLC transmitter. The transmitter
will disable after the completion of the packet presently being transmitted. The
transmitter’s internal clock is disabled.
When high the transmitter will be immediately enabled (depending on the state of the
TXCEN input) and will begin transmitting data, or go to a mark idle or interframe time fill
state.
7EOP
(0)
End of Packet When set this bit will indicate an end of packet byte to the transmitter,
which will transmit an FCS following this byte. This facilitates loading of multiple packets
into TX FIFO. Reset automatically after a write to the TX FIFO occurs.
6FA
(0)
Framer Abort.Forms a tag on the next byte written to the TX FIFO, and when set will
indicate to the transmitter that it should abort the packet in which that byte is being
transmitted. Reset automatically after a write to the TX FIFO.
5MI
(0)
Mark-Idle.When low, the transmitter will be in an idle state. When high it is in an
interframe time fill state. These two states will only occur when the TX FIFO is empty.
4CYCLE
(0)
Cycle.When high, this bit will cause the transmit byte count to cycle through the value
loaded into the Transmit Byte Count Register.
3
TCRCI
(0)
Transmit CRC Inhibit. When high, this bit will inhibit transmission of the CRC. That is,
the transmitter will not insert the computed CRC onto the bit stream after seeing the EOP
tag byte. This is used in V.120 terminal adaptation for synchronous protocol sensitive UI
frames.
2
SEVEN
(0)
Seven. When high, this bit will enable seven bits of address recognition in the first
address byte. The received address byte must have bit 0 equal to 1 which indicates a
single address byte is being received.
Table 190 - HDLC Control1(YF2) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com