Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 260 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 260 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 256Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 257Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 258Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 259Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 260Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 261Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 262Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 263Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 264Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 275 page
background image
MT9072
Data Sheet
260
Zarlink Semiconductor Inc.
19.3
E1 Mode
Figure 57 - Receive IMA Timing
Figure 58 - Receive IMA Functional Timing Diagram
AC Electrical Characteristics - Receive IMA Timing
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions
1RXDLC Clock Width High or Low
tE4W
25
100
ns
2
Receive Basic Frame Pulse Delay
tFD
50
ns
4
RXDLC Clock Delay
tCD
50
125
ns
150 pF load on CSTo and
DSTo
MT9072
Outputs Data
MT9072
Outputs Data
Timeslot 0
Bit 7
Timeslot 31
Bit 0
VT
tSOD
VT
PCM30
Receive
Timeslots
DSTo
(Outputs)
tCD
VT
tE4HW
tE4LW
Rxdlc
Output
VT
EXcli
Input
RXBF
Output
TFD
Note that the Transmit IMA mode uses Fpi Cki and DSTi and timing is indentical to the 2 Mb/s ST-BUS (See Figure 33)
Timeslot 31
Bit 0
Timeslot 0
Bit 7
Timeslot 0
Bit 6
Timeslot 0
Bit 5
RXDLC
RXBF
E2i
ST-BUS
Bit Cells
2Mb/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com