Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 52 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 48Page - STMicroelectronics BLUENRG-1 Datasheet HTML 49Page - STMicroelectronics BLUENRG-1 Datasheet HTML 50Page - STMicroelectronics BLUENRG-1 Datasheet HTML 51Page - STMicroelectronics BLUENRG-1 Datasheet HTML 52Page - STMicroelectronics BLUENRG-1 Datasheet HTML 53Page - STMicroelectronics BLUENRG-1 Datasheet HTML 54Page - STMicroelectronics BLUENRG-1 Datasheet HTML 55Page - STMicroelectronics BLUENRG-1 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 173 page
background image
Functional details
BlueNRG-1
52/173
DocID028866 Rev 1
3.8.2.6
Receive interrupt
The receive interrupt is asserted when the number of data in receive FIFO reaches the
programmed trigger watermark level. The receive interrupt is cleared by reading data from
the receive FIFO until there are less data than the programmed watermark level.
3.8.2.7
Transmit interrupt
The transmit interrupt is asserted when the number of data in the transmit FIFO is less than
or equal to the programmed watermark level. It is cleared by performing writes to the
transmit FIFO until it holds more elements than the programmed watermark level. The
transmitter interrupt is not qualified with the SPI enable bit, which allows operation in one of
two ways:
Data can be written to the transmit FIFO prior to enabling the SPI and the interrupts.
Or the SPI and the interrupts can be enabled so that data can be written to the
transmit FIFO by an interrupt service routine.
3.8.2.8
Timeout interrupt
The receive timeout interrupt is asserted when the receive FIFO is not empty, and no
further data is received over a 32-bit period of the serial clock. This mechanism ensures
that the user is aware that data is still present in the receive FIFO and requires servicing.
The receive timeout interrupt is cleared either when the FIFO becomes empty through
reading all the data, or if new data is received, or when a 1b is written to the corresponding
bit of the ICR register.
3.8.2.9
Receive overrun interrupt
The receive overrun interrupt is asserted when the receive FIFO is already full and an
additional data frame is received, causing an overrun of the FIFO. Data is overwritten in the
receive shift register, but not in the FIFO. The interrupt is cleared when a 1b is written to
the corresponding bit of the ICR register. This interrupt can never occur if hardware flow
control is enabled in the CR1 register.
3.8.2.10
Transmit underrun interrupt
The transmit underrun interrupt is asserted when the transmit FIFO is already empty and
an additional frame is transmitted, causing an underrun of the FIFO. Data is over-read in
the transmit shift register. This interrupt is cleared when a 1b is written to the corresponding
bit of the ICR register.
3.8.2.11
Transmit empty interrupt
The transmit interrupt is asserted when the transmit FIFO is empty. It is cleared by
performing writes to the transmit FIFO.
3.8.2.12
SPI Master communication mode
The SPIM register field selects the SPI transmission mode, these modes are applicable
only for SPI master mode:
Full duplex mode (SPIM = 00b): the master transmits the data available in the TXFIFO
and receives the data from the slave.
Transmit mode (SPIM = 01b): when the data is available in TX FIFO, the SPI_TX line
is run, and no data is written in RX FIFO
Receive mode (SPIM = 10b): the sequence of receive mode is:When the receive
mode is selected we have two cases:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com