Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 22 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 18Page - STMicroelectronics BLUENRG-1 Datasheet HTML 19Page - STMicroelectronics BLUENRG-1 Datasheet HTML 20Page - STMicroelectronics BLUENRG-1 Datasheet HTML 21Page - STMicroelectronics BLUENRG-1 Datasheet HTML 22Page - STMicroelectronics BLUENRG-1 Datasheet HTML 23Page - STMicroelectronics BLUENRG-1 Datasheet HTML 24Page - STMicroelectronics BLUENRG-1 Datasheet HTML 25Page - STMicroelectronics BLUENRG-1 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 173 page
background image
Functional details
BlueNRG-1
22/173
DocID028866 Rev 1
3.5.1.2
Watchdog reset
The BlueNRG-1 contains a watchdog timer, which may be used to recover from software
crashes. The watchdog contains a 32-bit down counter, which generates an interrupt, if the
interrupt is not serviced, the watchdog will generate a reset. The watchdog Reset will Reset
the Flash controller, the Cortex-M0 and all its peripherals but it will not Reset the debug
circuitry of the Cortex-M0.
3.5.1.3
System reset request
The system reset request is generated by the debug circuitry of the Cortex-M0. The
debugger writes to the SYSRESETREQ bit of the “Application Interrupt and Reset Control
Register” (AIRCR). This system reset request through AIRCR register can also be done by
embedded software. The system reset request does not affect the debugger, thus allowing
the debugger to remain connected during the reset sequence.
3.5.1.4
Lockup reset
The Cortex-M0 generates an output LOCKUP that indicates that the core is in the
architected lock-up state resulting from an unrecoverable exception. The LOCKUP signal is
used to generate reset in the BlueNRG-1. This reset will affect the Cortex-M0, the Flash
controller, and all the peripherals. The LOCKUP signal does not Reset the Cortex-M0
debug circuitry.
3.5.2
Reset and wakeup reason decoding
The BlueNRG-1 provides a set of registers to identify the reason behind a reset and
wakeup generation. Two registers are used: CKGEN_SOC->REASON_RST and
CKGEN_BLE->REASON_RST. The possible reasons are listed below:
1.
If the register CKGEN_SOC->REASON_RST = 0, according to the CKGEN_BLE-
>REASON_RST the possible reasons are:
a.
Wakeup from IO9, IO10, IO11, IO12, IO13.
b.
Wakeup from internal timer: BLE timer 1 or BLE timer 2.
c.
POR or BOR
2.
If the register CKGEN_SOC->REASON_RST is not 0, according to its value the
possible reasons are:
a.
System reset
b.
Watchdog reset
c.
Lockup reset.
3.5.3
Switching to external clock
When the system is in preactive state (run from internal RO 16 MHz), the software
sequence to switch to active should include switch to external XO.
When the system uses an external XO at 32 MHz instead of 16 MHz, the following steps
need to be done:
1.
In preactive state, operate as follow routine:
uint8_t config[] = { 0x02, 0x3A, 0x44, 0x00};
BLUE_CTRL->RADIO_CONFIG = 0x10000 | (uint16_t) (
(uint32_t)config & 0x0000FFFF );
while((BLUE_CTRL->RADIO_CONFIG & 0x10000) !=
0);
1.
Set the bitfield MHZ32_SEL of register SYSTEM_CTRL, for the digital part.
2.
Wait the state machine is in active state by using the follow routine:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com