Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 97 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 93Page - STMicroelectronics BLUENRG-1 Datasheet HTML 94Page - STMicroelectronics BLUENRG-1 Datasheet HTML 95Page - STMicroelectronics BLUENRG-1 Datasheet HTML 96Page - STMicroelectronics BLUENRG-1 Datasheet HTML 97Page - STMicroelectronics BLUENRG-1 Datasheet HTML 98Page - STMicroelectronics BLUENRG-1 Datasheet HTML 99Page - STMicroelectronics BLUENRG-1 Datasheet HTML 100Page - STMicroelectronics BLUENRG-1 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
97/173
Bit
Field name
Reset
RW
Description
25
BERR
0x0
R
Bus Error. BERR is set when an unexpected Start/Stop
condition occurs during a transaction. The related actions are
different, depending on the type of operation in progress.The
status code word in the SR contains a specific error tag
(CAUSE field) for this error condition. This interrupt is cleared
by setting the related bit of the ICR register.
0: No bus error detection.
1: Bus error detection.
27:26
RESERVED
0x0
R
RESERVED
28
MTDWS
0x0
R
Master transaction done without stop. MTDWS is set when a
master operation (write or read) has been executed and a stop
(MCR:P field) is not programmed. The application shall read
the related transaction status (SR register), the pending data
in the RX FIFO (only for a master read operation) and clear
this interrupt (transaction acknowledgment). A subsequent
master operation can be issued (by writing the MCR register)
after clearing this interrupt. A subsequent slave operation will
be notified (RISR:WTSR and RISR:RFSR interrupt bits
assertion) after clearing this interrupt, meanwhile the I2C clock
line will be stretched low. This interrupt is cleared by setting
the related bit of the ICR register:
0: Master transaction acknowledged.
1: Master transaction done (ready for acknowledgment) and
stop is not applied into the I2C bus.
31:29
RESERVED
0x0
R
RESERVED
Table 104: I2C - MISR register description: address offset I2CX_BASE_ADDR+0x34
Bit
Field name
Reset
RW
Description
0
TXFEMIS
0x0
R
TX FIFO empty masked interrupt status.
0: TX FIFO is not empty.
1: TX FIFO is empty.
1
TXFNEMIS
0x0
R
TX FIFO nearly empty masked interrupt status.
0: Number of entries in TX FIFO greater than the
TFTR:THRESHOLD_TX register.
1: Number of entries in TX FIFO less than or equal to the
TFTR:THRESHOLD_TX register.
2
TXFFMIS
0x0
R
Tx FIFO full masked interrupt status.
0: TX FIFO is not full.
1: TX FIFO is full.
3
TXFOVRMIS
0x0
R
Tx FIFO overrun masked interrupt status.
0: No overrun condition occurred in TX FIFO.
1: Overrun condition occurred in TX FIFO.
4
RXFEMIS
0x0
R
RX FIFO empty masked interrupt status.
0: RX FIFO is not empty.
1: RX FIFO is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com