Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 5Page - STMicroelectronics BLUENRG-1 Datasheet HTML 6Page - STMicroelectronics BLUENRG-1 Datasheet HTML 7Page - STMicroelectronics BLUENRG-1 Datasheet HTML 8Page - STMicroelectronics BLUENRG-1 Datasheet HTML 9Page - STMicroelectronics BLUENRG-1 Datasheet HTML 10Page - STMicroelectronics BLUENRG-1 Datasheet HTML 11Page - STMicroelectronics BLUENRG-1 Datasheet HTML 12Page - STMicroelectronics BLUENRG-1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 173 page
background image
BlueNRG-1
List of tables
DocID028866 Rev 1
9/173
Table 207: High speed crystal oscillator characteristics.........................................................................160
Table 208: Low speed crystal oscillator characteristics..........................................................................162
Table 209: High speed ring oscillator characteristics .............................................................................162
Table 210: Low speed ring oscillator characteristics ..............................................................................162
Table 211: N-Fractional frequency synthesizer characteristics ..............................................................163
Table 212: Auxiliary blocks characteristics .............................................................................................163
Table 213: QFN32 (5 x 5 x 1 pitch 0.5 mm) mechanical data ................................................................167
Table 214: WLCSP34 (2.66 x 2.56 x 0.5 pitch 0.4 mm) mechanical data ..............................................169
Table 215: Flip Chip CSP (2.71 x 2.58 x 0.5 pitch 0.4 mm) package reflow profile recommendation ...170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com