Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 14 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 10Page - STMicroelectronics BLUENRG-1 Datasheet HTML 11Page - STMicroelectronics BLUENRG-1 Datasheet HTML 12Page - STMicroelectronics BLUENRG-1 Datasheet HTML 13Page - STMicroelectronics BLUENRG-1 Datasheet HTML 14Page - STMicroelectronics BLUENRG-1 Datasheet HTML 15Page - STMicroelectronics BLUENRG-1 Datasheet HTML 16Page - STMicroelectronics BLUENRG-1 Datasheet HTML 17Page - STMicroelectronics BLUENRG-1 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 173 page
background image
Functional details
BlueNRG-1
14/173
DocID028866 Rev 1
3
Functional details
The BlueNRG-1 integrates the blocks listed below:
Cortex M0 core
Interrupts management
160 KB Flash memory
24 KB of RAM with two retention options (12 KB or 24 KB)
Power management
Clocks
Bluetooth low energy radio
Random number generator (RNG) (it is reserved to Bluetooth low energy protocol
stack, but user application can read it)
Public Key Cryptography (PKA) (reserved to Bluetooth low energy protocol stack)
Peripherals:
SPI interface
UART interface
I2C bus interface
GPIO
Multifunction timer
DMA controller
Watchdog
RTC
ADC with battery indicator
PDM stream processor
The main blocks are described in the following subsection.
3.1
Core
The ARM® Cortex® -M0 processor has been developed to provide a low-cost platform that
meets the needs of MCU implementation, with a reduced pin count and low-power
consumption, while delivering outstanding computational performance and an advanced
system response to interrupts.
The ARM® Cortex® -M0 32-bit RISC processor features exceptional code-efficiency,
delivering the high-performance expected from an ARM core in the memory size usually
associated with 8-bit and 16-bit devices.
The BlueNRG-1 has an embedded ARM core and is therefore compatible with all ARM
tools and software.
3.2
Interrupts
The Cortex-M0 nested vector interrupt controller (NVIC) handles interrupts. The NVIC
controls specific Cortex-M0 interrupts (address 0x00 to 0x3C) as well as 32-user interrupts
(address 0x40 to 0xBC). In the BlueNRG-1 device, the user interrupts are connected to the
interrupt signals of the different peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com