Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 76 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 72Page - STMicroelectronics BLUENRG-1 Datasheet HTML 73Page - STMicroelectronics BLUENRG-1 Datasheet HTML 74Page - STMicroelectronics BLUENRG-1 Datasheet HTML 75Page - STMicroelectronics BLUENRG-1 Datasheet HTML 76Page - STMicroelectronics BLUENRG-1 Datasheet HTML 77Page - STMicroelectronics BLUENRG-1 Datasheet HTML 78Page - STMicroelectronics BLUENRG-1 Datasheet HTML 79Page - STMicroelectronics BLUENRG-1 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 173 page
background image
Functional details
BlueNRG-1
76/173
DocID028866 Rev 1
Bit
Field name
Reset
RW
Description
31:20
RESERVED
0x0
R
RESERVED
Table 80: UART - IFLS register description: address offset UART_BASE_ADDR+0x34
Bit
Field name
Reset
RW
Description
2:0
TXIFLSEL
0x2
RW
Transmit interrupt FIFO level select. This bit field selects the
trigger points for TX FIFO interrupt:
000b: Interrupt when FIFO >= 1/64 empty.
001b: Interrupt when FIFO >= 1/32 empty.
010b: Interrupt when FIFO >= 1/16 empty.
011b: Interrupt when FIFO >= 1/8 empty.
100b: Interrupt when FIFO >= 1/4 empty.
101b: Interrupt when FIFO >= 1/2 empty.
110b: Interrupt when FIFO >= 3/4 empty.
5:3
RXIFLSEL
0x2
RW
Receive interrupt FIFO level select. This bit field selects the
trigger points for RX FIFO interrupt:
000b: Interrupt when FIFO >= 1/64 full.
001b: Interrupt when FIFO >= 1/32 full.
010b: Interrupt when FIFO >= 1/16 full.
011b: Interrupt when FIFO >= 1/8 full.
100b: Interrupt when FIFO >= 1/4 full.
101b: Interrupt when FIFO >= 1/2 full.
110b: Interrupt when FIFO >= 3/4 full.
31:6
RESERVED
0x0
R
RESERVED
Table 81: UART - IMSC register description: address offset UART_BASE_ADDR+0x38
Bit
Field name
Reset
RW
Description
0
RESERVED
0x0
R
RESERVED
1
CTSMIM
0x0
RW
Clear to send modem interrupt mask. On a read, the current
mask for the CTSMIM interrupt is returned.
0: Clears the mask (interrupt is disabled).
1: Sets the mask (interrupt is enabled).
3:2
RESERVED
0x0
R
RESERVED
4
RXIM
0x0
RW
Receive interrupt mask. On a read, the current mask for the
RXIM interrupt is returned.
0: Clears the mask (interrupt is disabled).
1: Sets the mask (interrupt is enabled).
5
TXIM
0x0
RW
Transmit interrupt mask. On a read, the current mask for the
TXIM interrupt is returned.
0: Clears the mask (interrupt is disabled).
1: Sets the mask (interrupt is enabled).
6
RTIM
0x0
RW
Receive timeout interrupt mask. On a read, the current mask
for the RTIM interrupt is returned.
0: Clears the mask (interrupt is disabled).
1: Sets the mask (interrupt is enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com