Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 27 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 23Page - STMicroelectronics BLUENRG-1 Datasheet HTML 24Page - STMicroelectronics BLUENRG-1 Datasheet HTML 25Page - STMicroelectronics BLUENRG-1 Datasheet HTML 26Page - STMicroelectronics BLUENRG-1 Datasheet HTML 27Page - STMicroelectronics BLUENRG-1 Datasheet HTML 28Page - STMicroelectronics BLUENRG-1 Datasheet HTML 29Page - STMicroelectronics BLUENRG-1 Datasheet HTML 30Page - STMicroelectronics BLUENRG-1 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
27/173
Bit
Field name
Reset
RW
Description
31:1
RESERVED
0x0
R
RESERVED
3.6
ADC
3.6.1
Introduction
The BlueNRG-1 integrates a 10-bit Analog-to-Digital Converter (ADC) for sampling an
external signal.
Main features are:
Sampling frequency 1 MHz
One channel in single ended or differential input through the pins ADC1 and ADC2
Battery level conversion
The conversion are either continuous or single step acquisition
An integrated digital filter is used to process a PDM data stream from a MEMS
microphone
3.6.2
Functional overview
The figure below shows a top diagram of the ADC.
Figure 7: Block diagram of ADC
Several channels are available for conversion, the CHSEL selects the channel according to
.
Table 22: ADC channels
CHSEL
Channels description
0
All switch open. No input
1
Single ended through ADC2 pin. InP = Vbias (internal), InN = ADC2 pin
2
Single ended through ADC1 pin. InP = ADC1 pin, InN = Vbias (internal)
3
Differential ADC1 pin
– ADC2 pin. InP = ADC1 pin, InN = ADC2 pin
5
Battery level detector. InN = BLD, InP = 0.6 V (internal)
6
Short. InP = InN = 0.6 V (internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com