Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 48 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 44Page - STMicroelectronics BLUENRG-1 Datasheet HTML 45Page - STMicroelectronics BLUENRG-1 Datasheet HTML 46Page - STMicroelectronics BLUENRG-1 Datasheet HTML 47Page - STMicroelectronics BLUENRG-1 Datasheet HTML 48Page - STMicroelectronics BLUENRG-1 Datasheet HTML 49Page - STMicroelectronics BLUENRG-1 Datasheet HTML 50Page - STMicroelectronics BLUENRG-1 Datasheet HTML 51Page - STMicroelectronics BLUENRG-1 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 173 page
background image
Functional details
BlueNRG-1
48/173
DocID028866 Rev 1
Table 41: DMA_CHx - CCR register description: address offset DMA_CHX_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
0
EN
0x0
RW
DMA channel enable.
0: DMA channel disabled.
1: DMA channel enabled.
1
TCIE
0x0
RW
Transfer complete interrupt enable.
0: TC interrupt disabled.
1: TC interrupt enabled.
2
HTIE
0x0
RW
Half transfer interrupt enable.
0: HT interrupt disabled.
1: HT interrupt enabled.
3
TEIE
0x0
RW
Transfer error interrupt enable.
0: TE interrupt disabled.
1: TE interrupt enabled.
4
DIR
0x0
RW
Data transfer direction.
0: Read from peripheral.
1: Read from memory.
5
CIRC
0x0
RW
Circular mode.
0: Circular mode disabled.
1: Circular mode enabled.
6
PINC
0x0
RW
Peripheral increment mode.
0: Peripheral increment disabled.
1: Peripheral increment enabled.
7
MINC
0x0
RW
Memory increment mode.
0: Memory increment disabled.
1: Memory increment enabled.
9:8
PSIZE
0x0
RW
Peripheral size.
00b: Size 8 bits.
01b: Size 16 bits.
10b: Size 32 bits.
11:10
MSIZE
0x0
RW
Memory size.
00b: Size 8 bits.
01b: Size 16 bits.
10b: Size 32 bits.
13:12
PL
0x0
RW
Channel priority level.
00b: Low priority.
01b: Medium priority.
10b: High priority.
11b: Very high priority.
14
MEM2MEM
0x0
RW
Memory to memory mode.
0: Memory to memory mode disabled.
0: Memory to memory mode enabled.
31:15
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com