Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 18 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 14Page - STMicroelectronics BLUENRG-1 Datasheet HTML 15Page - STMicroelectronics BLUENRG-1 Datasheet HTML 16Page - STMicroelectronics BLUENRG-1 Datasheet HTML 17Page - STMicroelectronics BLUENRG-1 Datasheet HTML 18Page - STMicroelectronics BLUENRG-1 Datasheet HTML 19Page - STMicroelectronics BLUENRG-1 Datasheet HTML 20Page - STMicroelectronics BLUENRG-1 Datasheet HTML 21Page - STMicroelectronics BLUENRG-1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 173 page
background image
Functional details
BlueNRG-1
18/173
DocID028866 Rev 1
RESET
STANDBY
SLEEP
Preactive
Active
LOCKRX/
LOCK TX
RX
TX
LDO_DIG_1V8
OFF
OFF
OFF
ON
ON
ON
ON
ON
SMPS
OFF
OFF
OFF
ON
ON
ON
ON
ON
LDO_DIG_1V2
OFF
OFF
OFF
ON
ON
ON
ON
ON
BOR
OFF
ON
ON
ON
ON
ON
ON
ON
16 MHz RO
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
16 MHz XO
OFF
OFF
OFF
OFF
ON
ON
ON
ON
32 kHz RO or XO
OFF
OFF
ON
ON
ON
ON
ON
ON
3.4.3
System controller registers
SYSTEM_CTRL peripheral base address (SYSTEM_CTRL_BASE_ADDR) 0x40200000.
Table 4: SYSTEM_CTRL registers
Address
offset
Name
RW
Reset
Description
0x00
WKP_IO_IS
RW
0x00000000
Level selection for wakeup IO (1 bit for IO).
0: The system wakes up when IO is low.
1: The system wakes up when IO is high.
0x04
WKP_IO_IE
RW
0x00000007
Enables the IO that wakes up the device (1 bit for
IO).
0: The wakes up feature on the IO is disabled.
1: The wakes up feature on the IO is enabled.
0x08
CTRL
RW
0x00000000
XO frequency indication is provided by the
application. Refer to the detailed description
below.
Table 5: SYSTEM_CTRL - WKP_IO_IS register description: address offset
SYSTEM_CTRL_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
4:0
LEVEL_SEL
0x00
RW
Selects the active wake up level for the five IOs.
0: The system wakes up when IO is low.
1: The system wakes up when IO is high.
One bit by IO:
Bit0: IO9
Bit1: IO10
Bit2: IO11
Bit3: IO12
Bit4: IO13
31:5
RESERVED
0x00
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com