Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 23 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 19Page - STMicroelectronics BLUENRG-1 Datasheet HTML 20Page - STMicroelectronics BLUENRG-1 Datasheet HTML 21Page - STMicroelectronics BLUENRG-1 Datasheet HTML 22Page - STMicroelectronics BLUENRG-1 Datasheet HTML 23Page - STMicroelectronics BLUENRG-1 Datasheet HTML 24Page - STMicroelectronics BLUENRG-1 Datasheet HTML 25Page - STMicroelectronics BLUENRG-1 Datasheet HTML 26Page - STMicroelectronics BLUENRG-1 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
23/173
uint32_t fsm_status;
uint16_t cnt_time = 0;
do {
cnt_time++;
fsm_status = 0x00004382;
BLUE_CTRL->RADIO_CONFIG = 0x10000 | (uint16_t) ( (
(uint32_t)(&fsm_status) ) & 0x0000FFFF);
while((BLUE_CTRL->RADIO_CONFIG & 0x10000) !=
0);
} while(((fsm_status>>16) != 0x05) &&
(cnt_time<1000));
1.
After switching to active state (and not before), write 0x15 in the COMMAND register
of AHBUPCONV peripheral.
Around 10 system clock cycles after this last write, the system will run at 32 MHz except for
specific blocks requiring a fixed 16 MHz.
The application can make the bus and the core run to 16 MHz by writing 0x14 in
the COMMAND register of AHBUPCONV peripheral.
3.5.4
Clock and reset registers
CKGEN_SOC peripheral base address (CKGEN_SOC_BASE_ADDR) 0x40900000.
Table 10: CKGEN_SOC registers
Address
offset
Name
RW
Reset
Description
0x00
CONTROL
RW
0x01FA03F0
Control clock and Reset of SOC. Refer to the
detailed description below.
0x08
REASON_RST
R
0x00000000
Indicates the Reset reason from Cortex-M0.
Refer to the detailed description below.
0x1C
DIE_ID
R
0x00000110
Identification information of the device. Refer
to the detailed description below.
0x20
CLOCK_EN
RW
0x0003FFFF
Enable or gates the APB clock of the
peripherals. Refer to the detailed description
below.
0x24
DMA_CONFIG
RW
0x00000000
DMA config. Refer to the detailed description
below.
Table 11: CKGEN_SOC - CONTROL register description: address offset
CKGEN_SOC_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
9:0
RESERVED
0x3F0
R
RESERVED
13:10
UART_CKDIV
0x0
RW
UART baud rate clock setting from 1 to 16 MHz according
to the formula 16 / (n + 1) MHz.
31:14
RESERVED
0x007E8
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com