Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 19 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 15Page - STMicroelectronics BLUENRG-1 Datasheet HTML 16Page - STMicroelectronics BLUENRG-1 Datasheet HTML 17Page - STMicroelectronics BLUENRG-1 Datasheet HTML 18Page - STMicroelectronics BLUENRG-1 Datasheet HTML 19Page - STMicroelectronics BLUENRG-1 Datasheet HTML 20Page - STMicroelectronics BLUENRG-1 Datasheet HTML 21Page - STMicroelectronics BLUENRG-1 Datasheet HTML 22Page - STMicroelectronics BLUENRG-1 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
19/173
Table 6: SYSTEM_CTRL - WKP_IO_IE register description: address offset
SYSTEM_CTRL_BASE_ADDR+0x04
Bit
Field name
Reset
RW
Description
4:0
IO_WAKEUP_EN
0x07
RW
Enables the IOs to be wake up source.
0: Wake up on the IO disabled.
1: Wake up on the IO enabled.
One bit by IO:
Bit0: IO9
Bit1: IO10
Bit2: IO11
Bit3: IO12
Bit4: IO13
31:5
RESERVED
0x00
R
RESERVED
Table 7: SYSTEM_CTRL - CTRL register description: address offset
SYSTEM_CTRL_BASE_ADDR+0x08
Bit
Field name
Reset
RW
Description
0
MHZ32_SEL
0x0
RW
Indicates the crystal frequency used in the application.
0: The 16 MHz is selected.
1: The 32 MHz is selected.
31:1
RESERVED
0x0
R
RESERVED
AHBUPCONV peripheral base address (AHBUPCONV_BASE_ADDR) 0x40C00000.
Table 8: AHBUPCONV registers
Address offset
Name
RW
Reset
Description
0x00
COMMAND
RW
0x00000000
AHB up/down converter command register
BLUE_CTRL peripheral base address (BLUE_CTRL_BASE_ADDR) 0x40800000.
Table 9: BLUE_CTRL registers
Address offset
Name
RW
Reset
Description
0x04
TIMEOUT
RW
0x00000000
Timeout programming register
0x0C
RADIO_CONFIG
RW
0x00000000
Radio configuration register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com