Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 51 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 47Page - STMicroelectronics BLUENRG-1 Datasheet HTML 48Page - STMicroelectronics BLUENRG-1 Datasheet HTML 49Page - STMicroelectronics BLUENRG-1 Datasheet HTML 50Page - STMicroelectronics BLUENRG-1 Datasheet HTML 51Page - STMicroelectronics BLUENRG-1 Datasheet HTML 52Page - STMicroelectronics BLUENRG-1 Datasheet HTML 53Page - STMicroelectronics BLUENRG-1 Datasheet HTML 54Page - STMicroelectronics BLUENRG-1 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
51/173
The transmit FIFO and the receive FIFO are not cleared when the SSE bit is
cleared.
3.8.2.3
SPI bit rate generation
The SPI bitrate is derived by dividing down the peripheral clock (CLK) by an even prescaler
value CPSDVSR from 2 to 254, the clock is further divided by a value from 1 to 256, which
is 1+SCR. The SPI frequency clock duty cycle is always 0.5.
3.8.2.4
SPI data endianness
All transfers can be sent and received with configurable endianness according the setting
of the (T/R)ENDN bit in the CR1 registers
The cases "00b" and "11b" of TENDN and RENDN are implemented for data frame size
from 4- to 32-bit. The cases "01b" and "10b" of TENDN and RENDN are implemented only
for the following data frame sizes: 16-bit, 24-bit and 32-bit. Transmit data endianness:
TENDN in CR1:
Table 46: SPI TX endianness
TENDN
Endianness
00b
The element is transmitted MSByte-first and MSbit-first.
01b
The element is transmitted LSByte-first and MSbit-first.
10b
The element is transmitted MSByte-first and LSbit-first.
11b
The element is transmitted LSByte-first and LSbit-first.
Table 47: SPI RX endianness
RENDN
Endianness
00b
The element is received MSByte-first and MSbit-first.
01b
The element is received LSByte-first and MSbit-first.
10b
The element is received MSByte-first and LSbit-first.
11b
The element is received LSByte-first and LSbit-first.
3.8.2.5
SPI interrupts
There are six individual maskable interrupt sources generated by the SPI (single interrupt
signal that drives the NVIC):
Receive interrupt
Transmit interrupt
Timeout interrupt
Receive overrun interrupt
Transmit underrun interrupt
Transmit empty interrupt
The user can enable or disable the individual interrupt sources by changing the mask bits
in the IMSC register. Setting the appropriate mask bit to 1b enables the interrupt. The
status of the individual interrupt sources can be read from the RIS register (raw interrupt
status) or from the MIS register (masked interrupt status).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com