Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 1 Page - STMicroelectronics

  BLUENRG-1 Datasheet HTML 1Page - STMicroelectronics BLUENRG-1 Datasheet HTML 2Page - STMicroelectronics BLUENRG-1 Datasheet HTML 3Page - STMicroelectronics BLUENRG-1 Datasheet HTML 4Page - STMicroelectronics BLUENRG-1 Datasheet HTML 5Page - STMicroelectronics BLUENRG-1 Datasheet HTML 6Page - STMicroelectronics BLUENRG-1 Datasheet HTML 7Page - STMicroelectronics BLUENRG-1 Datasheet HTML 8Page - STMicroelectronics BLUENRG-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 173 page
background image
June 2016
DocID028866 Rev 1
1/173
This is information on a product in full production.
www.st.com
BlueNRG-1
Bluetooth® low energy wireless system-on-chip
Datasheet - production data
Features
Bluetooth specification compliant master,
slave and multiple roles simultaneously,
single-mode Bluetooth low energy system-
on-chip
Operating supply voltage: from 1.7 to 3.6 V
Integrated linear regulator and DC-DC step-
down converter
Operating temperature range: -40 °C to 105
°C
High performance, ultra-low power Cortex-
M0 32-bit based architecture core
Programmable 160 KB Flash
24 KB RAM with retention (two 12 KB
banks)
1 x UART interface
1 x SPI interface
2 x I2C interface
14 or 15 GPIO
2 x multifunction timer
10-bit ADC
Watchdog & RTC
DMA controller
PDM stream processor
16 or 32 MHz crystal oscillator
32 kHz crystal oscillator
32 kHz ring oscillator
Battery voltage monitor and temperature
sensor
Up to +8 dBm available output power (at
antenna connector)
Excellent RF link budget (up to 96 dB)
Accurate RSSI to allow power control
8.2 mA maximum TX current (@ 0 dBm, 3.0
V)
Down to 1 µA current consumption with
active BLE stack (sleep mode)
Compliant with the following radio frequency
regulations: ETSI EN 300 328, EN 300 440,
FCC CFR47 Part 15, ARIB STD-T66
Pre-programmed bootloader via UART
QFN32, WCSP34 package option
Dedicated wettable flank QFN package for
automotive grade qualification
Applications
Automotive product
Watches
Fitness, wellness and sports
Consumer medical
Security/proximity
Remote control
Home and industrial automation
Assisted living
Mobile phone peripherals
Lighting
PC peripherals
Table 1: Device summary table
Order code
Package
Packing
BLUENRG-132
QFN32
(5 x 5 mm)
Tape and reel
BLUENRG-134
WLCSP34
Tape and reel
BLUENRG-132Y
QFN32
(5 x 5 mm)
Automotive
grade Level
Tape and reel
WLCSP34
QFN32


Similar Part No. - BLUENRG-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-2 STMICROELECTRONICS-BLUENRG-2 Datasheet
5Mb / 190P
Bluetooth® low energy wireless system-on-chip
16-Nov-2017
BLUENRG-332AC STMICROELECTRONICS-BLUENRG-332AC Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
BLUENRG-332AT STMICROELECTRONICS-BLUENRG-332AT Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
BLUENRG-332VC STMICROELECTRONICS-BLUENRG-332VC Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
BLUENRG-332VT STMICROELECTRONICS-BLUENRG-332VT Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
More results

Similar Description - BLUENRG-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
2.4-GHz Bluetooth low energy System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
logo
List of Unclassifed Man...
MK71050-03 ETC2-MK71050-03 Datasheet
616Kb / 23P
Bluetooth Low Energy wireless module
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
2.4-GHz Bluetooth low energy System-on-Chip
logo
STMicroelectronics
BLUENRG-2 STMICROELECTRONICS-BLUENRG-2 Datasheet
5Mb / 190P
Bluetooth® low energy wireless system-on-chip
16-Nov-2017
logo
Cypress Semiconductor
CYW20736 CYPRESS-CYW20736 Datasheet
938Kb / 47P
Single-Chip Bluetooth Low Energy System-On-Chip
CYW20737 CYPRESS-CYW20737 Datasheet
678Kb / 36P
Single-Chip Bluetooth Low Energy-Only System-On-Chip with Support for Wireless Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com