Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 79 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 75Page - STMicroelectronics BLUENRG-1 Datasheet HTML 76Page - STMicroelectronics BLUENRG-1 Datasheet HTML 77Page - STMicroelectronics BLUENRG-1 Datasheet HTML 78Page - STMicroelectronics BLUENRG-1 Datasheet HTML 79Page - STMicroelectronics BLUENRG-1 Datasheet HTML 80Page - STMicroelectronics BLUENRG-1 Datasheet HTML 81Page - STMicroelectronics BLUENRG-1 Datasheet HTML 82Page - STMicroelectronics BLUENRG-1 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
79/173
Bit
Field name
Reset
RW
Description
9
BEMIS
0x0
R
Break error masked interrupt status.
0: The interrupt is not pending.
1: The interrupt is pending.
10
OEMIS
0x0
R
Overrun error masked interrupt status.
0: The interrupt is not pending.
1: The interrupt is pending.
11
XOFFMIS
0x0
R
XOFF interrupt masked status.
0: The interrupt is not pending.
1: The interrupt is pending.
12
TXFEMIS
0x0
R
TX FIFO empty masked interrupt status.
0: The interrupt is not pending.
1: The interrupt is pending.
31:13
RESERVED
0x0
R
RESERVED
Table 84: UART - ICR register description: address offset UART_BASE_ADDR+0x44
Bit
Field name
Reset
RW
Description
0
RESERVED
0x0
R
RESERVED
1
CTSMIC
0x0
W
Clear to send modem interrupt clear.
0: No effect.
1: Clears the interrupt.
3:2
RESERVED
0x0
R
RESERVED
4
RXIC
0x0
W
Receive interrupt clear.
0: No effect.
1: Clears the interrupt.
5
TXIC
0x0
W
Transmit interrupt clear.
0: No effect.
1: Clears the interrupt.
6
RTIC
0x0
W
Receive timeout interrupt clear.
0: No effect.
1: Clears the interrupt.
7
FEIC
0x0
W
Framing error interrupt clear.
0: No effect.
1: Clears the interrupt.
8
PEIC
0x0
W
Parity error interrupt clear.
0: No effect.
1: Clears the interrupt.
9
BEIC
0x0
W
Break error interrupt clear.
0: No effect.
1: Clears the interrupt.
10
OEIC
0x0
W
Overrun error interrupt clear.
0: No effect.
1: Clears the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com