Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-1 Datasheet(PDF) 71 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 67Page - STMicroelectronics BLUENRG-1 Datasheet HTML 68Page - STMicroelectronics BLUENRG-1 Datasheet HTML 69Page - STMicroelectronics BLUENRG-1 Datasheet HTML 70Page - STMicroelectronics BLUENRG-1 Datasheet HTML 71Page - STMicroelectronics BLUENRG-1 Datasheet HTML 72Page - STMicroelectronics BLUENRG-1 Datasheet HTML 73Page - STMicroelectronics BLUENRG-1 Datasheet HTML 74Page - STMicroelectronics BLUENRG-1 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
71/173
Bit
Field name
Reset
RW
Description
2
BE
0x0
R
Break error. This bit is set to 1 if a break condition was
detected, indicating that the received data input was held low
for longer than a full-word transmission time (defined as start,
data, parity and stop bits). This bit is cleared to 0b after a write
to ECR. In FIFO mode, this error is associated with the
character at the top of the FIFO. When a break occurs, only
one 0 character is loaded into the FIFO. The next character is
only enabled after the receive data input goes to HIGH
(marking state), and the next valid start bit is received.
3
OE
0x0
R
Overrun error. This bit is set to 1 if data is received and the
receive FIFO is already full. This is cleared to 0 by a write to
ECR (data value is not important). The FIFO contents remain
valid since no further data is written when the FIFO is full, only
the content of the shift register are overwritten. The CPU or
DMA must now read the data in order to empty the FIFO.
31:4
RESERVED
0x0
R
RESERVED
Table 73: UART - TIMEOUT register description: address offset UART_BASE_ADDR+0x0C
Bit
Field name
Reset
RW
Description
21:0
PERIOD
0x1FF
RW
Timeout period configuration. This bit field contains the
timeout period for the UART timeout interrupt assertion. The
receive timeout interrupt is asserted when the receive FIFO is
not empty and no further data is received over a programmed
timeout period. The duration before the timeout interrupt will
assert is calculated by the following formula:
Timeout_Duration = (TIMEOUT_PERIOD) / (OVSP *
Baud_Rate)
or
Timeout_Duration = (TIMEOUT_PERIOD) * Baud_Divisor *
Tuartclk
31:22
RESERVED
0x0
R
RESERVED
Table 74: UART - FR register description: address offset UART_BASE_ADDR+0x18
Bit
Field name
Reset
RW
Description
0
CTS
0x0
R
Clear to send.
2:1
RESERVED
0x0
R
RESERVED
3
BUSY
0x0
R
UART Busy. If this bit is set to 1, the UART is busy
transmitting data. This bit remains set until the complete byte,
including all the stop bits, has been sent from the shift register.
However, if the transmit section of the UART is disabled in the
middle of a transmission, the BUSY bit gets cleared. This bit is
set again once the transmit section is re-enabled to complete
the remaining transmission.This bit is set as soon as the
transmit FIFO becomes nonempty (regardless of whether the
UART is enabled or not).
4
RXFE
0x1
R
Receive FIFO empty. If the FIFO is disabled (bit FEN = 0b),
this bit is set when the receive holding register is empty. If the
FIFO is enabled (FEN = 1b), the RXFE bit is set when the
receive FIFO is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com