Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C111 Datasheet(PDF) 23 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 23 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 19Page - Microchip Technology LAN91C111 Datasheet HTML 20Page - Microchip Technology LAN91C111 Datasheet HTML 21Page - Microchip Technology LAN91C111 Datasheet HTML 22Page - Microchip Technology LAN91C111 Datasheet HTML 23Page - Microchip Technology LAN91C111 Datasheet HTML 24Page - Microchip Technology LAN91C111 Datasheet HTML 25Page - Microchip Technology LAN91C111 Datasheet HTML 26Page - Microchip Technology LAN91C111 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 23
LAN91C111
7.7.2
ENCODER
7.7.2.1
4B5B Encoder - 100 Mbps
100BASE-TX requires that the data be 4B5B encoded. 4B5B coding converts the 4-Bit data nibbles into 5-Bit date code
words. The mapping of the 4B nibbles to the 5B code words is specified in IEEE 802.3. The 4B5B encoder on the
LAN91C111 takes 4B nibbles from the controller interface, converts them into 5B words and sends the 5B words to the
scrambler. The 4B5B encoder also substitutes the first 8 bits of the preamble with the SSD delimiters (a.k.a. /J/K/ sym-
bols) and adds an ESD delimiter (a.k.a. MR/ symbols) to the end of every packet, as defined in IEEE 802.3. The 4B5B
encoder also fills the period between packets, called the idle period, with the continuous stream of idle symbols.
7.7.2.2
Manchester Encoder - 10 Mbps
The Manchester encoding process combines clock and NRZ data such that the first half of the data bit contains the com-
plement of the data, and the second half of the data bit contains the true data, as specified in IEEE 802.3. This ensures
that a transition always occurs in the middle of the bit call. The Manchester encoder on the LAN91C111 converts the
10Mbps NRZ data from the controller interface into a Manchester Encoded data stream for the TP transmitter and adds
a start of idle pulse (SOI) at the end of the packet as specified in IEEE 802.3. The Manchester encoding process is only
done on actual packet data, and the idle period between packets is not Manchester encoded and filled with link pulses.
7.7.3
DECODER
7.7.3.1
4B5B Decoder - 100 Mbps
Since the TP input data is 4B5B encoded on the transmit side, it must also be decoded by the 4B5B decoder on the
receive side. The mapping of the 5B nibbles to the 4B code words is specified in IEEE 802.3. The 4B5B decoder on the
LAN91C111 takes the 5B code words from the descrambler, converts them into 4B nibbles per Table 2, and sends the
4B nibbles to the controller interface. The 4B5B decoder also strips off the SSD delimiter (a.k.a. /J/K/ symbols) and
replaces them with two 4B Data 5 nibbles (a.k.a. /5/ symbol), and strips off the ESD delimiter (a.k.a. /T/R/ symbols) and
replaces it with two 4B Data 0 nibbles (a.k.a. /I/symbol), per IEEE 802.3 specifications and shown in Figure 7-3.
TABLE 7-1:
4B/5B SYMBOL MAPPING
Symbol Name
Description
5B Code
4B Code
0
Data 0
11110
0000
1
Data 1
01001
0001
2
Data 2
10100
0010
3
Data 3
10101
0011
4
Data 4
01010
0100
5
Data 5
01011
0101
6
Data 6
01110
0110
7
Data 7
01111
0111
8
Data 8
10010
1000
9
Data 9
10011
1001
A
Data A
10110
1010
B
Data B
10111
1011
C
Data C
11010
1100
D
Data D
11011
1101
E
Data E
11100
1110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com