Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C111 Datasheet(PDF) 18 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 18 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 14Page - Microchip Technology LAN91C111 Datasheet HTML 15Page - Microchip Technology LAN91C111 Datasheet HTML 16Page - Microchip Technology LAN91C111 Datasheet HTML 17Page - Microchip Technology LAN91C111 Datasheet HTML 18Page - Microchip Technology LAN91C111 Datasheet HTML 19Page - Microchip Technology LAN91C111 Datasheet HTML 20Page - Microchip Technology LAN91C111 Datasheet HTML 21Page - Microchip Technology LAN91C111 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 125 page
background image
LAN91C111
DS00002276A-page 18
 2011-2016 Microchip Technology Inc.
complete register has been read/written, the serial shift process is halted, data is latched into the device, and MDIO
goes into high impedance state. Another serial shift cycle cannot be initiated until the idle condition (at least 32 contin-
uous 1's) is detected.
7.5.3
MI SERIAL PORT FRAME STRUCTURE
The structure of the PHY serial port frame is shown in Table 9-1 and timing diagram of a frame is shown in Figure 7-1.
Each serial port access cycle consists of 32 bits (or 192 bits if multiple register access is enabled and
REGAD[4:0]=11111), exclusive of idle. The first 16 bits of the serial port cycle are always write bits and are used for
addressing. The last 16/176 bits are from one/all of the 11 data registers.
The first 2 bit in Table 9-1and Figure 7-1 are start bits and need to be written as a 01 for the serial port cycle to continue.
The next 2 bits are a read and write bit which determine if the accessed data register bits will be read or write. The next
5 bits are device addresses. The next 5 bits are register address select bits, which select one of the five data registers
for access. The next 1 bit is a turnaround bit which is not an actual register bit but extra time to switch MDIO from write
to read if necessary, as shown in Figure 7-1. The final 16 bits of the PHY Ml serial port cycle (or 176 bits if multiple reg-
ister access is enabled and REGAD[4:0]=11111) come from the specific data register designated by the register address
bits REGAD[4:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com