Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C111 Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 35Page - Microchip Technology LAN91C111 Datasheet HTML 36Page - Microchip Technology LAN91C111 Datasheet HTML 37Page - Microchip Technology LAN91C111 Datasheet HTML 38Page - Microchip Technology LAN91C111 Datasheet HTML 39Page - Microchip Technology LAN91C111 Datasheet HTML 40Page - Microchip Technology LAN91C111 Datasheet HTML 41Page - Microchip Technology LAN91C111 Datasheet HTML 42Page - Microchip Technology LAN91C111 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 39
LAN91C111
The transmit byte count least significant bit will be assumed 0 by the controller regardless of the value written in memory.
DATA AREA - The data area starts at offset 4 of the packet structure and can extend up to 2043 bytes.
The data area contains six bytes of DESTINATION ADDRESS followed by six bytes of SOURCE ADDRESS, followed
by a variable-length number of bytes. On transmit, all bytes are provided by the CPU, including the source address. The
LAN91C111 does not insert its own source address. On receive, all bytes are provided by the CSMA side.
The 802.3 Frame Length word (Frame Type in Ethernet) is not interpreted by the LAN91C111. It is treated transparently
as data both for transmit and receive operations.
CONTROL BYTE - For transmit packets the CONTROL BYTE is written by the CPU as:
ODD - If set, indicates an odd number of bytes, with the last byte being right before the CONTROL BYTE. If clear, the
number of data bytes is even and the byte before the CONTROL BYTE is not transmitted.
CRC - When set, CRC will be appended to the frame. This bit has meaning only if the NOCRC bit in the TCR is set.
For receive packets the CONTROL BYTE is written by the controller as:
ODD - If set, indicates an odd number of bytes, with the last byte being right before the CONTROL BYTE. If clear, the
number of data bytes is even and the byte before the CONTROL BYTE should be ignored.
8.2
Receive Frame Status
This word is written at the beginning of each receive frame in memory. It is not available as a register.
ALGNERR - Frame had alignment error.
BROADCAST - Receive frame was broadcast. When a broadcast packet is received, the MULTCAST bit may be also
set on the status word in addition to the BRODCAST bit. The software implement may just ignore the MULTCAST bit if
for BRODCAST packet.
BADCRC - Frame had CRC error, or RX_ER was asserted during reception.
ODDFRM - This bit when set indicates that the received frame had an odd number of bytes.
TOOLNG - Frame length was longer than 802.3 maximum size (1518 bytes on the cable).
TOOSHORT - Frame length was shorter than 802.3 minimum size (64 bytes on the cable).
X
X
ODD
CRC
0000
01
ODD
00000
HIGH
BYTE
ALGN
ERR
BROD
CAST
BAD
CRC
ODD
FRM
TOOLNG
TOO
SHORT
LOW
BYTE
HASH VALUE
MULT
CAST
Reserved
54
321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com