Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C111 Datasheet(PDF) 57 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 57 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 53Page - Microchip Technology LAN91C111 Datasheet HTML 54Page - Microchip Technology LAN91C111 Datasheet HTML 55Page - Microchip Technology LAN91C111 Datasheet HTML 56Page - Microchip Technology LAN91C111 Datasheet HTML 57Page - Microchip Technology LAN91C111 Datasheet HTML 58Page - Microchip Technology LAN91C111 Datasheet HTML 59Page - Microchip Technology LAN91C111 Datasheet HTML 60Page - Microchip Technology LAN91C111 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 57
LAN91C111
8.20
Bank 2 - Data Register
DATA REGISTER - Used to read or write the data buffer byte/word presently addressed by the pointer register.
This register is mapped into two uni-directional FIFOs that allow moving words to and from the LAN91C111 regardless
of whether the pointer address is even, odd or dword aligned. Data goes through the write FIFO into memory, and is
pre-fetched from memory into the read FIFO. If byte accesses are used, the appropriate (next) byte can be accessed
through the Data Low or Data High registers. The order to and from the FIFO is preserved. Byte, word and dword
accesses can be mixed on the fly in any order.
This register is mapped into two consecutive word locations to facilitate double word move operations regardless of the
actual bus width (16 or 32 bits). The DATA register is accessible at any address in the 8 through Bh range, while the
number of bytes being transferred is determined by A1 and nBE0-nBE3. The FIFOs are 12 bytes each.
8.21
Bank 2 - Interrupt Status Registers
OFFSET
NAME
TYPE
SYMBOL
8 THROUGH
BH
DATA REGISTER
READ/WRITE
DATA
DATA HIGH
XXX
XXXXX
DATA LOW
XXX
XXXXX
OFFSET
NAME
TYPE
SYMBOL
C
INTERRUPT STATUS
REGISTER
READ ONLY
IST
MDINT
Reserved
EPH INT
RX_OVRN
INT
ALLOC INT
TX EMPTY
INT
TX INT
RCV INT
00000100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com