Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C111 Datasheet(PDF) 52 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 52 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 48Page - Microchip Technology LAN91C111 Datasheet HTML 49Page - Microchip Technology LAN91C111 Datasheet HTML 50Page - Microchip Technology LAN91C111 Datasheet HTML 51Page - Microchip Technology LAN91C111 Datasheet HTML 52Page - Microchip Technology LAN91C111 Datasheet HTML 53Page - Microchip Technology LAN91C111 Datasheet HTML 54Page - Microchip Technology LAN91C111 Datasheet HTML 55Page - Microchip Technology LAN91C111 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 125 page
background image
LAN91C111
DS00002276A-page 52
 2011-2016 Microchip Technology Inc.
LE ENABLE - Link Error Enable. When set it enables the LINK_OK bit transition as one of the interrupts merged into
the EPH INT bit. Clearing the LE ENABLE bit after an EPH INT interrupt, caused by a LINK_OK transition, will acknowl-
edge the interrupt. LE ENABLE defaults low (disabled).
CR ENABLE - Counter Roll over Enable. When set, it enables the CTR_ROL bit as one of the interrupts merged into
the EPH INT bit. Reading the COUNTER register after an EPH INT interrupt caused by a counter rollover, will acknowl-
edge the interrupt. CR ENABLE defaults low (disabled).
TE ENABLE - Transmit Error Enable. When set it enables Transmit Error as one of the interrupts merged into the EPH
INT bit. An EPH INT interrupt caused by a transmitter error is acknowledged by setting TXENA bit in the TCR register
to 1 or by clearing the TE ENABLE bit. TE ENABLE defaults low (disabled). Transmit Error is any condition that clears
TXENA with TX_SUC staying low as described in the EPHSR register.
EEPROM SELECT - This bit allows the CPU to specify which registers the EEPROM RELOAD or STORE refers to.
When high, the General Purpose Register is the only register read or written. When low, RELOAD reads Configuration,
Base and Individual Address, and STORE writes the Configuration and Base registers.
RELOAD - When set it will read the EEPROM and update relevant registers with its contents. Clears upon completing
the operation.
STORE - When set, stores the contents of all relevant registers in the serial EEPROM. Clears upon completing the oper-
ation.
8.16
Bank 2 - MMU Command Register
This register is used by the CPU to control the memory allocation, de-allocation, TX FIFO and RX FIFO control.
The three command bits determine the command issued as described below:
Note:
When an EEPROM access is in progress the STORE and RELOAD bits will be read back as high. The
remaining 14 bits of this register will be invalid. During this time attempted read/write operations, other than
polling the EEPROM status, will NOT have any effect on the internal registers. The CPU can resume
accesses to the LAN91C111 after both bits are low. A worst case RELOAD operation initiated by RESET
or by software takes less than 750
s.
OFFSET
NAME
TYPE
SYMBOL
0
MMU COMMAND
REGISTER
WRITE ONLY
BUSY BIT
READABLE
MMUCR
HIGH
BYTE
LOW
BYTE
COMMAND
Reserved
Reserved
Reserved
Reserved
BUSY
Operation Code
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com