Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C111 Datasheet(PDF) 78 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 78 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 74Page - Microchip Technology LAN91C111 Datasheet HTML 75Page - Microchip Technology LAN91C111 Datasheet HTML 76Page - Microchip Technology LAN91C111 Datasheet HTML 77Page - Microchip Technology LAN91C111 Datasheet HTML 78Page - Microchip Technology LAN91C111 Datasheet HTML 79Page - Microchip Technology LAN91C111 Datasheet HTML 80Page - Microchip Technology LAN91C111 Datasheet HTML 81Page - Microchip Technology LAN91C111 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 79
LAN91C111
10.3
Typical Flow of Events for Transmit (Auto Release = 1)
6
Upon transmit completion the first word in memory is
written with the status word. The packet number is
moved from the TX FIFO into the TX completion
FIFO. Interrupt is generated by the TX completion
FIFO being not empty.
If a TX failure occurs on any packets, TX INT is
generated and TXENA is cleared, transmission
sequence stops. The packet number of the failure
packet is presented at the TX FIFO PORTS Register.
7
SERVICE INTERRUPT - Read Interrupt Status
Register. If it is a transmit interrupt, read the TX FIFO
Packet Number from the FIFO Ports Register. Write
the packet number into the Packet Number Register.
The corresponding status word is now readable from
memory. If status word shows successful
transmission, issue RELEASE packet number
command to free up the memory used by this packet.
Remove packet number from completion FIFO by
writing TX INT Acknowledge Register.
Option 1) Release the packet.
Option 2) Check the transmit status in the EPH
STATUS Register, write the packet number of the
current packet to the Packet Number Register, re-
enable TXENA, then go to step 4 to start the TX
sequence again.
S/W Driver
MAC Side
1
ISSUE ALLOCATE MEMORY FOR TX - N BYTES -
the MMU attempts to allocate N bytes of RAM.
2
WAIT FOR SUCCESSFUL COMPLETION CODE -
Poll until the ALLOC INT bit is set or enable its mask
bit and wait for the interrupt. The TX packet number
is now at the Allocation Result Register.
3
LOAD TRANSMIT DATA - Copy the TX packet
number into the Packet Number Register. Write the
Pointer Register, then use a block move operation
from the upper layer transmit queue into the Data
Register.
4
ISSUE "ENQUEUE PACKET NUMBER TO TX FIFO"
- This command writes the number present in the
Packet Number Register into the TX FIFO. The
transmission is now enqueued. No further CPU
intervention is needed until a transmit interrupt is
generated.
5
The enqueued packet will be transferred to the MAC
block as a function of TXENA (nTCR) bit and of the
deferral process (1/2 duplex mode only) state.
6
Transmit pages are released by transmit completion.
7
The MAC generates a TXEMPTY interrupt upon a
completion of a sequence of enqueued packets.
If a TX failure occurs on any packets, TX INT is
generated and TXENA is cleared, transmission
sequence stops. The packet number of the failure
packet is presented at the TX FIFO PORTS Register.
S/W Driver
MAC Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com