Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C111 Datasheet(PDF) 94 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 94 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 90Page - Microchip Technology LAN91C111 Datasheet HTML 91Page - Microchip Technology LAN91C111 Datasheet HTML 92Page - Microchip Technology LAN91C111 Datasheet HTML 93Page - Microchip Technology LAN91C111 Datasheet HTML 94Page - Microchip Technology LAN91C111 Datasheet HTML 95Page - Microchip Technology LAN91C111 Datasheet HTML 96Page - Microchip Technology LAN91C111 Datasheet HTML 97Page - Microchip Technology LAN91C111 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 95
LAN91C111
Latched W-R
combined with
nCMD
nWR
I/O Write strobe - asynchronous write access. Address is valid
before leading edge . Data latched on trailing edge. Must not be
active during DMA bursts if DMA is supported.
nSTART
nADS
Address strobe is connected to EISA nSTART.
RESDRV
RESET
nBE0 nBE1 nBE2
nBE3
nBE0 n BE1 nBE2
nBE3
Byte enables. Latched on nADS rising edge.
IRQn
INTR0
Interrupts used as active high edge triggered
D0-D31
D0-D31
32 bit data bus. The bus byte(s) used to access the device are a
function of nBE0-nBE3:
Not used = tri-state on reads, ignored on writes. Note that nBE2 and
nBE3 override the value of A1, which is tied low in this application.
Other combinations of nBE are not supported by the LAN91C111.
Software drivers are not anticipated to generate them.
nEX32
nNOWS
(optional additional
logic)
nLDEV
nLDEV is a totem pole output. nLDEV is active on valid decodes of
LAN91C111 pins A15-A4, and AEN=0. nNOWS is similar to nLDEV
except that it should go inactive on nSTART rising. nNOWS can be
used to request compressed cycles (1.5 BCLK long, nRD/nWR will
be 1/2 BCLK wide).
THE FOLLOWING SIGNALS SUPPORT SLAVE DMA TYPE "C" BURST CYCLES
BCLK
LCLK
EISA Bus Clock. Data transfer clock for DMA bursts.
nDAK<n>
nDATACS
DMA Acknowledge. Active during Slave DMA cycles. Used by the
LAN91C111 as nDATACS direct access to data path.
nIORC
W/nR
Indicates the direction and timing of the DMA cycles. High during
LAN91C111 writes, low during LAN91C111 reads.
nIOWC
nCYCLE
Indicates slave DMA writes.
nEXRDY
nRDYRTN
EISA bus signal indicating whether a slave DMA cycle will take place
on the next BCLK rising edge, or should be postponed. nRDYRTN
is used as an input in the slave DMA mode to bring in EXRDY.
UNUSED PINS
VCC
nVLBUS
GND
A1
TABLE 12-3:
EISA 32 BIT SLAVE SIGNAL CONNECTIONS (CONTINUED)
EISA Bus Signal
LAN91C111 Signal
Notes
nBE0
nBE1
nBE2
nBE3
0
0
0
0
Double word access
0
0
1
1
Low word access
1
1
0
0
High word access
0
1
1
1
Byte 0 access
1
0
1
1
Byte 1 access
1
1
0
1
Byte 2 access
1
1
1
0
Byte 3 access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com