Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C111 Datasheet(PDF) 61 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 61 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 57Page - Microchip Technology LAN91C111 Datasheet HTML 58Page - Microchip Technology LAN91C111 Datasheet HTML 59Page - Microchip Technology LAN91C111 Datasheet HTML 60Page - Microchip Technology LAN91C111 Datasheet HTML 61Page - Microchip Technology LAN91C111 Datasheet HTML 62Page - Microchip Technology LAN91C111 Datasheet HTML 63Page - Microchip Technology LAN91C111 Datasheet HTML 64Page - Microchip Technology LAN91C111 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 61
LAN91C111
8.22
Bank 3 - Multicast Table Registers
The 64 bit multicast table is used for group address filtering. The hash value is defined as the six most significant bits
of the CRC of the destination addresses. The three msb's determine the register to be used (MT0-MT7), while the other
three determine the bit within the register.
If the appropriate bit in the table is set, the packet is received.
If the ALMUL bit in the RCR register is set, all multicast addresses are received regardless of the multicast table values.
Hashing is only a partial group addressing filtering scheme, but being the hash value available as part of the receive
status word, the receive routine can reduce the search time significantly. With the proper memory structure, the search
is limited to comparing only the multicast addresses that have the actual hash value in question.
OFFSET
NAME
TYPE
SYMBOL
0
THROUG
H 7
MULTICAST TABLE
READ/WRITE
MT
LOW
BYTE
MULTICAST TABLE 0
000
000
0
0
HIGH
BYTE
MULTICAST TABLE 1
000
000
0
0
LOW
BYTE
MULTICAST TABLE 2
000
000
0
0
HIGH
BYTE
MULTICAST TABLE 3
000
000
0
0
LOW
BYTE
MULTICAST TABLE 4
000
000
0
0
HIGH
BYTE
MULTICAST TABLE 5
000
000
0
0
LOW
BYTE
MULTICAST TABLE 6
000
000
0
0
HIGH
BYTE
MULTICAST TABLE 7
000
000
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com