Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C111 Datasheet(PDF) 92 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 92 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 88Page - Microchip Technology LAN91C111 Datasheet HTML 89Page - Microchip Technology LAN91C111 Datasheet HTML 90Page - Microchip Technology LAN91C111 Datasheet HTML 91Page - Microchip Technology LAN91C111 Datasheet HTML 92Page - Microchip Technology LAN91C111 Datasheet HTML 93Page - Microchip Technology LAN91C111 Datasheet HTML 94Page - Microchip Technology LAN91C111 Datasheet HTML 95Page - Microchip Technology LAN91C111 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 93
LAN91C111
nIOWR
nWR
I/O Write strobe - asynchronous write access. Address is valid before
leading edge. Data is latched on trailing edge.
IOCHRDY
ARDY
This signal is negated on leading nRD, nWR if necessary. It is then
asserted on CLK rising edge after the access condition is satisfied.
RESET
RESET
A0
nBE0
nSBHE
nBE1
IRQn
INTR0
D0-D15
D0-D15
16 bit data bus. The bus byte(s) used to access the device are a function
of nBE0 and nBE1:
Not used = tri-state on reads, ignored on writes
nIOCS16
nLDEV buffered
nLDEV is a totem pole output. Must be buffered using an open collector
driver. nLDEV is active on valid decodes of A15-A4 and AEN=0.
UNUSED PINS
GND
nADS
VCC
nBE2, nBE3,
nCYCLE, W/nR,
nRDYRTN, LCLK
No upper word access.
TABLE 12-2:
HIGH-END ISA OR NON-BURST EISA MACHINES SIGNAL CONNECTORS
(CONTINUED)
ISA Bus
Signal
LAN91C111 Signal
Notes
nBE0
nBE1
D0-D7
D8-D15
0
0
Lower
Upper
0
1
Lower
Not used
1
0
Not used
Upper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com